Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0309 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0309
Description  ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0309 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0309 Datasheet HTML 1Page - Abracon Corporation ASPI-0309 Datasheet HTML 2Page - Abracon Corporation ASPI-0309 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RoHS
Compliant
OUTLINE DRAWING:
Pb
Mechanical Dimensions
Circuit Schematic
Recommended Land Pattern
Dimension: mm
No
Part Name
Material
1
Drum core
Ni-Zn Ferrite
2
Coil
Cu/Class H Polyurethane Enameled
3
Terminals/Solder Copper Alloy/Pb free solder +
3.0 x 3.0 x 0.8mm
XXX
ASPI-0309
30 2
3
3
r
e
p
s
E
an
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
Ca
ai
n
r
o
fi
l
92 8
8
6
tel 949-546-8000 | fax 949-546-8001
.
w
w
w
|
abracon.com
Revised: 03.24.11
Visit
www.abracon.com for Terms & Conditions of Sale
、
ABRACON IS
ISO9001:2008
CERTIFIED
ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com