Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0403 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0403
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0403 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0403 Datasheet HTML 1Page - Abracon Corporation ASPI-0403 Datasheet HTML 2Page - Abracon Corporation ASPI-0403 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended Land Pattern
OUTLINE DRAWING:
Dimension: mm
ASPI-0403
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 03.08.12
Visit
www.abracon.comfor Terms & Conditions of Sale
4.5 x 4.0 x 3.2mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
SMD Power Inductor
REFLOW PROFILE:
Item
mark
Temperature rise gradient
3
℃/sec(max)
Heating time
Tsoak
50s ~ 150s
Heating temperature
120
℃~180℃
Time over 217
t1
70 sec
Time within 5
℃ofactualpeaktemperature t3
10~30 sec
Peak temperature
Tpeak
250 ( +0 / -5
℃)
Time 25
℃topeakTemperature
6 minutes max.
Temperature(°C)
Time (sec)
Tpeak
t3
t1
Tsoak
t3
t1
25°C
Time 25°C to peak
A
B
C
D
E
F
4.5±0.3
4.0±0.3 3.2±0.30
1.80
1.50
4.50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com