Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0403 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0403
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0403 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0403 Datasheet HTML 1Page - Abracon Corporation ASPI-0403 Datasheet HTML 2Page - Abracon Corporation ASPI-0403 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAPE & REEL:
ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo-
tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir-
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASPI-0403
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 03.08.12
Visit
www.abracon.comfor Terms & Conditions of Sale
4.5 x 4.0 x 3.2mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
SMD Power Inductor
Dimension: mm
T: 1,500pcs / reel
CARRIER TAPE / SIZE (mm)
REEL 13"×24mm
A0
B0
K0
F
E
W
P
Po
P2
t
A
B
C
D
4.2 ±
0.1
4.8 ±
0.1
3.3 ±
0.1
5.5 ±
0.1
1.75 ±
0.1
12 ±
0.3
8 ±
0.1
4 ±
0.1
2 ±
0.1
0.4±
0.05
12.5 ±
0.5
100 ±
0.5
13.2 ±
0.3
330 ±
1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com