Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVRB Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC8248CVRB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVRB Datasheet(HTML) 2 Page - Motorola, Inc

  MPC8248CVRB Datasheet HTML 1Page - Motorola, Inc MPC8248CVRB Datasheet HTML 2Page - Motorola, Inc MPC8248CVRB Datasheet HTML 3Page - Motorola, Inc MPC8248CVRB Datasheet HTML 4Page - Motorola, Inc MPC8248CVRB Datasheet HTML 5Page - Motorola, Inc MPC8248CVRB Datasheet HTML 6Page - Motorola, Inc MPC8248CVRB Datasheet HTML 7Page - Motorola, Inc MPC8248CVRB Datasheet HTML 8Page - Motorola, Inc MPC8248CVRB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Overview
Overview
1
Overview
Table 1 shows the functionality supported by each device in the MPC8272 family.
Devices in the MPC8272 family are available in two packages—the VR or ZQ package—as shown in
Table 2. For package ordering information, refer to Section 10, “Ordering Information.”
Figure 1 shows the block diagram of the MPC8272.
Table 1. MPC8272 PowerQUICC II Family Functionality
Functionality
Devices
MPC8272
MPC8248
MPC8271
MPC8247
Package 1
1 Refer to Table 2.
516 PBGA
Serial communications controllers (SCCs)
3333
QUICC multi-channel controller (QMC)
Yes
Yes
Yes
Yes
Fast communication controllers (FCCs)
2222
I-Cache (Kbyte)
16
16
16
16
D-Cache (Kbyte)
16
16
16
16
Ethernet (10/100)
2222
UTOPIA II Ports
1010
Multi-channel controllers (MCCs)
0000
PCI bridge
Yes
Yes
Yes
Yes
Transmission convergence (TC) layer
—
—
—
—
Inverse multiplexing for ATM (IMA)
—
—
—
—
Universal serial bus (USB) 2.0 full/low rate
1111
Security engine (SEC)
Yes
Yes
—
—
Table 2. MPC8272 PowerQUICC II Device Packages
Code
(Package)
VR
(516 PBGA—Lead free)
ZQ
(516 PBGA—Lead spheres)
Device
MPC8272VR
MPC8272ZQ
MPC8248VR
MPC8248ZQ
MPC8271VR
MPC8271ZQ
MPC8247VR
MPC8247ZQ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com