Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVRB Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC8248CVRB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVRB Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC8248CVRB Datasheet HTML 17Page - Motorola, Inc MPC8248CVRB Datasheet HTML 18Page - Motorola, Inc MPC8248CVRB Datasheet HTML 19Page - Motorola, Inc MPC8248CVRB Datasheet HTML 20Page - Motorola, Inc MPC8248CVRB Datasheet HTML 21Page - Motorola, Inc MPC8248CVRB Datasheet HTML 22Page - Motorola, Inc MPC8248CVRB Datasheet HTML 23Page - Motorola, Inc MPC8248CVRB Datasheet HTML 24Page - Motorola, Inc MPC8248CVRB Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
AC Electrical Characteristics
NOTE
Generally, all MPC8272 bus and system output signals are driven from the
rising edge of the input clock (CLKin). Memory controller signals,
however, trigger on four points within a CLKin cycle. Each cycle is
divided by four internal ticks: T1, T2, T3, and T4. T1 always occurs at the
rising edge, and T3 at the falling edge, of CLKin. However, the spacing of
T2 and T4 depends on the PLL clock ratio selected, as shown in Table 13.
Figure 11 is a representation of the information in Table 13.
Figure 11. Internal Tick Spacing for Memory Controller Signals
NOTE
The UPM machine outputs change on the internal tick determined by the
memory controller programming; the AC specifications are relative to the
internal tick. Note that SDRAM and GPCM machine outputs change on
CLKin’s rising edge.
Table 13. Tick Spacing for Memory Controller Signals
PLL Clock Ratio
Tick Spacing (T1 Occurs at the Rising Edge of CLKin)
T2
T3
T4
1:2, 1:3, 1:4, 1:5, 1:6
1/4 CLKin
1/2 CLKin
3/4 CLKin
1:2.5
3/10 CLKin
1/2 CLKin
8/10 CLKin
1:3.5
4/14 CLKin
1/2 CLKin
11/14 CLKin
CLKin
T1
T2
T3
T4
CLKin
T1
T2
T3
T4
for 1:2.5
for 1:3.5
CLKin
T1
T2
T3
T4
for 1:2, 1:3, 1:4, 1:5, 1:6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com