Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL27T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP500SQL27T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL27T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP500SQL27T1 Datasheet HTML 4Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 5Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 9Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP500
http://onsemi.com
8
230
190
250
170
210
150
270
290
310
330
350
160
−50
30
60
50
20
50
75
25
0
100
Temperature (
°C)
10
40
0
−25
Temperature (
°C)
Figure 2. Dropout Voltage vs. Temperature
Figure 3. Dropout Voltage vs. Temperature
−50
80
70
60
50
50
25
0
40
30
20
10
0
−25
75
100
125
Figure 4. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 5. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 6. Dropout Voltage vs. Temperature
Temperature (
°C)
Figure 7. Dropout Voltage vs. Temperature
Temperature (
°C)
Vout(nom.) = 3.3 V
70
125
−50
120
100
60
80
50
25
0
40
20
0
−25
75
100
125
−50
50
75
25
0
100
−25
125
160
120
180
100
140
80
200
−50
50
75
25
0
100
−25
125
120
180
100
140
80
200
220
−50
50
75
25
0
100
−25
125
Vout(nom.) = 2.8 V
Vout(nom.) = 1.8 V
Vout(nom.) = 3.3 V
Vout(nom.) = 2.8 V
Vout(nom.) = 1.8 V
50 mA Load
10 mA Load
1.0 mA Load
150 mA Load
120 mA Load
100 mA Load
150 mA Load
120 mA Load
100 mA Load
150 mA Load
120 mA Load
100 mA Load
50 mA Load
10 mA Load
1.0 mA Load
50 mA Load
10 mA Load
1.0 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com