Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL27T1 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP500SQL27T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL27T1 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP500SQL27T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 15Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 16Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 17Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 18Page - ON Semiconductor NCP500SQL27T1 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
NCP500
http://onsemi.com
15
Figure 27. Typical Application Circuit
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
Figure 28. Typical Application Circuit
Vout
Battery or
Unregulated
Voltage
+
C1
OFF
ON
1
3
2
4
5
6
+
C2
Output
R
1
2
3
5
4
Input
1.0
mF
1.0
mF
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Q2
Q1
R3
R1
R2
The NCP500 series can be current boosted with a PNP transis-
tor. Resistor R in conjunction with VBE of the PNP determines
when the pass transistor begins conducting; this circuit is not
short circuit proof. Input/Output differential voltage minimum is
increased by VBE of the pass resistor.
Short circuit current limit is essentially set by the VBE of Q2 and
R1. ISC = ((VBEQ2 − ib * R2) / R1) + IO(max) Regulator
Q1
0
10
1
75
50
25
0.1
0.01
100
125
150
IO, Output Current (mA)
Cout = 1 mF to 10 mF
TA = 40°C to 125°C
Vin = up to 6.0 V
UNSTABLE
STABLE
Figure 29. Stability
Figure 30. Current Boost Regulator
Figure 31. Current Boost Regulator with Short
Circuit Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com