Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL50T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP500SQL50T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL50T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP500SQL50T1 Datasheet HTML 5Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 9Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP500
http://onsemi.com
9
25
2.804
2.802
2.8
2.798
2.796
2.794
2.792
2.790
1.804
1.8035
1.803
1.8025
1.802
1.8015
1.801
1.8005
225
200
175
150
125
100
75
50
0
25
210
200
190
180
170
160
150
−50
3.308
3.306
50
3.304
3.302
75
25
0
100
Temperature (
°C)
3.300
3.298
3.296
3.294
3.292
−25
Temperature (
°C)
Figure 8. Output Voltage vs. Temperature
Figure 9. Output Voltage vs. Temperature
Figure 10. Output Voltage vs. Temperature
Temperature (
°C)
Figure 11. Quiescent Current vs. Temperature
Temperature (
°C)
Figure 12. Quiescent Current vs. Input Voltage
Input Voltage (V)
Figure 13. Quiescent Current vs. Input Voltage
Input Voltage (V)
Vout(nom.) = 1.8 V
Iout = 0 mA
TA = 25°C
125
−50
50
75
25
0
100
−25
125
−50
50
75
25
0
100
−25
125
−50
50
75
25
0
100
−25
125
0
225
200
4.0
175
150
5.0
3.0
2.0
6.0
125
100
75
50
1.0
0
Vout(nom.) = 3.3 V
Iout = 0 mA
TA = 25°C
Vin = Vout(nom.) +0.5 V
Vout(nom.) = 3.3 V
IO = 1.0 mA
0
4.0
5.0
3.0
2.0
6.0
1.0
Vin = Vout(nom.) = + 0.5 V
IO = 0 mA
Vout(nom.) = 3.3 V
Vout(nom.) = 1.8 V
Vin = Vout(nom.) + 0.5 V
Vout(nom.) = 2.8 V
IO = 1.0 mA
Vin = Vout(nom.) + 0.5 V
Vout(nom.) = 1.8 V
IO = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com