Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL50T1 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP500SQL50T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL50T1 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP500SQL50T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 15Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 16Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 17Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 18Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 19Page - ON Semiconductor NCP500SQL50T1 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
NCP500
http://onsemi.com
16
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Q1
R
5.6 V
A regulated output can be achieved with input voltages that ex-
ceed the 6.0 V maximum rating of the NCP500 series with the
addition of a simple pre−regulator circuit. Care must be taken
to prevent Q1 from overheating when the regulated output
(Vout) is shorted to Gnd.
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Output
1
2
3
5
4
Enable
1.0
mF
1.0
mF
C
0
3
3
80
2.5
2
90
40
30
110
Time (ms)
2
1
1.5
20
4
1
0.5
0
100
70
60
50
10
0
TA = 25°C
Vin = 3.4 V
Vout = 2.8 V
R = 1.0 M
W
C = 1.0
mF
R = 1.0 M
W
C = 0.1
mF
No Delay
If a delayed turn−on is needed during power up of several volt-
ages then the above schematic can be used. Resistor R, and
capacitor C, will delay the turn−on of the bottom regulator. A
few values were chosen and the resulting delay can be seen in
Figure 33.
The graph shows the delay between the enable signal and
output turn−on for various resistor and capacitor values.
R
Figure 32. Delayed Turn−on
Figure 33. Delayed Turn−on
Figure 34. Input Voltages Greater than 6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com