Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # OM6206
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button OM6206 Datasheet HTML 17Page - NXP Semiconductors OM6206 Datasheet HTML 18Page - NXP Semiconductors OM6206 Datasheet HTML 19Page - NXP Semiconductors OM6206 Datasheet HTML 20Page - NXP Semiconductors OM6206 Datasheet HTML 21Page - NXP Semiconductors OM6206 Datasheet HTML 22Page - NXP Semiconductors OM6206 Datasheet HTML 23Page - NXP Semiconductors OM6206 Datasheet HTML 24Page - NXP Semiconductors OM6206 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2001 Nov 14
21
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
2. RES may be LOW before VDD goes HIGH.
3. All signal timing is based on 20% to 80% of VDD and a maximum rise and fall time of 10 ns.
4. tH5 is the time from the previous SCLK positive edge (irrespective of the state of SCE) to the negative edge of SCE.
handbook, full pagewidth
MGT872
tH4
tPWH1
tPWL1
tH3
tS4
tS2
tS3
tS2
tH2
tH5
tCYC
(tH5)
tPWH2
SCE
D/C
SCLK
SDIN
Fig.15 Serial interface timing.
handbook, full pagewidth
MGT873
tVHRL
tRW
tRW
tRW
tRW
RES
VDD
RES
VDD
Fig.16 Reset timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com