Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC72A Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # APC72A
Description  1/3 inch Color IT-CCD Camera Module1A1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC72A Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  APC72A Datasheet HTML 1Page - A1 PROs co., Ltd. APC72A Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/3 inch Color IT- CCD Camera Module
1
A1 PROs
1
A1 PROs
Specifications
Features
1/3” 410K Color IT-CCD
Day & Night Function Support
2DNR Support
DWDR Support
OSD Support
Privacy Zone
Camera ID Display
Digital Zoom
Electronic IRIS
GPIO Support
Smart IR Support
Model
A1 PROs Color Module (APC72A)
Signal Format
NTSC
PAL
Image Device
1/3" 410K Color IT-CCD
Resolution
600 TV Lines
Total Pixels
811 (H) x 508 (V) = 411,988 pixels
795 (H) x 596 (V) = 473,820 pixels
Effective Pixels
768 (H) x 494 (V) = 379,392 pixels
752 (H) x 582 (V) = 437,664 pixels
Sync Frequency
H:15.734kHz / V:59.94Hz
H:15.625kHz / V:50Hz
Shutter Speed
1/60 ~ 100,000sec
1/50 ~ 100,000sec
Sync. System
Internal
S/N Ratio
More Than 48dB
Iris Control
Electronic
Video Output
Composite ( 1.0Vp-p/75 Ohm )
Temperature
-10℃ ~ +60℃
Power supply
DC 12V(±10%)
Humidity
RH 85% MAX
Power Consumption
Max.1.5W
Size
32 x 32 mm
APC72A


Similar Part No. - APC72A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77101 BEL-APC77101 Datasheet
83Kb / 1P
POTS/ISDN Splitter
APC77115 BEL-APC77115 Datasheet
63Kb / 1P
ISDN/Smartphone Splitter
APC77116 BEL-APC77116 Datasheet
99Kb / 1P
Integrated CPE VDSL Filter/Hybrid Solution - (Smartphone Applications)
APC77118 BEL-APC77118 Datasheet
97Kb / 1P
Integrated CO VDSL Filter/Hybrid Solution - (Smartphone Applications)
APC77122 BEL-APC77122 Datasheet
98Kb / 1P
Integrated CO Filter/Hybrid Solution VDSL/10BaseS for Infineon PEB 22810/11/12/22 Chipset
More results

Similar Description - APC72A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
logo
Hamamatsu Corporation
C5403-30 HAMAMATSU-C5403-30 Datasheet
104Kb / 2P
1/3-inch CCD Video Camera
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
1/3 inch Color IT- CCD Camera Module
A88_960H38X38 A1PROS-A88_960H38X38 Datasheet
92Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC10 A1PROS-APC10 Datasheet
122Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC78A A1PROS-APC78A Datasheet
247Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com