Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C664 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89C664
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C664 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89C664 Datasheet HTML 9Page - NXP Semiconductors P89C664 Datasheet HTML 10Page - NXP Semiconductors P89C664 Datasheet HTML 11Page - NXP Semiconductors P89C664 Datasheet HTML 12Page - NXP Semiconductors P89C664 Datasheet HTML 13Page - NXP Semiconductors P89C664 Datasheet HTML 14Page - NXP Semiconductors P89C664 Datasheet HTML 15Page - NXP Semiconductors P89C664 Datasheet HTML 16Page - NXP Semiconductors P89C664 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
13
VDD
OTHER DEVICE WITH
I2C INTERFACE
P89C66x
OTHER DEVICE WITH
I2C INTERFACE
P1.7/SDA
P1.6/SCL
SDA
SCL
I2C bus
RP
RP
SU01710
Figure 1. Typical I2C Bus Configuration
SCL
START
CONDITION
S
SDA
P/S
MSB
ACKNOWLEDGMENT
SIGNAL FROM RECEIVER
CLOCK LINE HELD LOW WHILE
INTERRUPTS ARE SERVICED
1
2
7
8
9
1
2
3–8
ACK
9
ACK
REPEATED IF MORE BYTES
ARE TRANSFERRED
ACKNOWLEDGMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
R/W
DIRECTION
BIT
STOP
CONDITION
REPEATED
START
CONDITION
SU00965
Figure 2. Data Transfer on the I2C Bus
SIO1 Implementation and Operation
Figure 3 shows how the on-chip I2C bus interface is implemented,
and the following text describes the individual blocks.
Input Filters and Output Stages
The input filters have I2C compatible input levels. If the input voltage
is less than 1.5 V, the input logic level is interpreted as 0; if the input
voltage is greater than 3.0 V, the input logic level is interpreted as 1.
Input signals are synchronized with the internal clock (fOSC/4), and
spikes shorter than three oscillator periods are filtered out.
The output stages consist of open drain transistors that can sink
3mA at VOUT < 0.4 V. These open drain outputs do not have
clamping diodes to VDD. Thus, if the device is connected to the I2C
bus and VDD is switched off, the I2C bus is not affected.
Address Register, S1ADR
This 8-bit special function register may be loaded with the 7-bit slave
address (7 most significant bits) to which SIO1 will respond when
programmed as a slave transmitter or receiver. The LSB (GC) is
used to enable general call address (00H) recognition.
Comparator
The comparator compares the received 7-bit slave address with its
own slave address (7 most significant bits in S1ADR). It also
compares the first received 8-bit byte with the general call address
(00H). If an equality is found, the appropriate status bits are set and
an interrupt is requested.
Shift Register, S1DAT
This 8-bit special function register contains a byte of serial data to
be transmitted or a byte which has just been received. Data in
S1DAT is always shifted from right to left; the first bit to be
transmitted is the MSB (bit 7) and, after a byte has been received,
the first bit of received data is located at the MSB of S1DAT. While
data is being shifted out, data on the bus is simultaneously being
shifted in; S1DAT always contains the last byte present on the bus.
Thus, in the event of lost arbitration, the transition from master
transmitter to slave receiver is made with the correct data in S1DAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com