Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C664 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89C664
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C664 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89C664 Datasheet HTML 17Page - NXP Semiconductors P89C664 Datasheet HTML 18Page - NXP Semiconductors P89C664 Datasheet HTML 19Page - NXP Semiconductors P89C664 Datasheet HTML 20Page - NXP Semiconductors P89C664 Datasheet HTML 21Page - NXP Semiconductors P89C664 Datasheet HTML 22Page - NXP Semiconductors P89C664 Datasheet HTML 23Page - NXP Semiconductors P89C664 Datasheet HTML 24Page - NXP Semiconductors P89C664 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
21
S
SLA
WA
A
DATA
P
S
SLA
W
A
P
A
P
08H
18H
28H
R
38H
A or A
OTHER MST
CONTINUES
A or A
OTHER MST
CONTINUES
38H
30H
20H
68H
78H
80H
OTHER MST
CONTINUES
A
MT
10H
TO MST/REC MODE
ENTRY = MR
TO CORRESPONDING
STATES IN SLAVE MODE
SUCCESSFUL TRANSMISSION
TO A SLAVE RECEIVER
NEXT TRANSFER STARTED WITH A REPEATED START CONDITION
NOT ACKNOWLEDGE RECEIVED AFTER THE SLAVE ADDRESS
NOT ACKNOWLEDGE RECEIVED AFTER A DATA BYTE
ARBITRATION LOST IN SLAVE ADDRESS OR DATA BYTE
ARBITRATION LOST AND ADDRESSED AS SLAVE
A
n
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
ANY NUMBER OF DATA BYTES AND THEIR ASSOCIATED ACKNOWLEDGE BITS
THIS NUMBER (CONTAINED IN S1STA) CORRESPONDS TO A DEFINED STATE OF THE I2C BUS. SEE TABLE 4.
Data
SU00971
Figure 8. Format and States in the Master Transmitter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com