Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2222A Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # PXT2222A
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

PXT2222A Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  PXT2222A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. PXT2222A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Epitaxial planar die construction.
Complementary NPN type available
PXT2907A.
Ideal for medium power amplification and switching.
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
75
V
Collector-Emitter Voltage
V
CEO
40
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
600
mA
Collector Power Dissipation
P
C
500
mW
Storage Temperature
Tstg
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 10μ A,IE=0
75
V
Collector-emitter breakdown voltage
VCEO
IC= 10mA, IB=0
40
V
Emitter-base breakdown voltage
VEBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0. 01
μA
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0. 01
μA
DC current gain
hFE(1)
VCE=10V, IC= 0.1mA
35
hFE(2)
VCE=10V, IC= 1mA
50
hFE(3)
VCE=10V, IC= 10mA
75
hFE(4)
VCE=10V, IC= 150mA
100
300
hFE(5)
VCE=1V, IC= 150mA
50
hFE(6)
VCE=10V, IC= 500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
1
V
VCE(sat)
IC=150mA, IB=15mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB=50mA
2.0
V
VBE(sat)
IC=150mA, IB=5mA
0.6
1.2
V
Transition frequency
fT
VCE=10V, IC=20mA
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE= 0,f=1MHz
8
pF
Delay time
td
VCC=30V, IC=150mA
VBE(off)=0.5V,IB1=15mA
10
nS
Rise time
tr
25
nS
Storage time
tS
VCC=30V, IC=150mA IB1=- IB2=
15mA
225
nS
Fall time
tf
60
nS
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
PXT2222A(NPN)


Similar Part No. - PXT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2222A PHILIPS-PXT2222A Datasheet
44Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT2222A KEXIN-PXT2222A Datasheet
60Kb / 2P
NPN Switching Transistor
logo
NXP Semiconductors
PXT2222A NXP-PXT2222A Datasheet
157Kb / 10P
NPN switching transistor
2004 Nov 22
logo
Micro Commercial Compon...
PXT2222A MCC-PXT2222A Datasheet
181Kb / 2P
0.5W NPN General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT2222A HTSEMI-PXT2222A Datasheet
789Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - PXT2222A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com