Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT2907A Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # PXT2907A
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

PXT2907A Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  PXT2907A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. PXT2907A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Epitaxial planar die construction.
Complementary NPN type available
PXT2222A.
Ideal for medium power amplification and switching.
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-60
V
Collector-Emitter Voltage
V
CEO
-60
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-600
mA
Collector Power Dissipation
P
C
500
mW
Storage Temperature
Tstg
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-10μA IE=0
-60
V
Collector-emitter
breakdown voltage
VCEO
IC=-10mA IB=0
-60
V
Emitter-base breakdown voltage
VEBO
IE=-10μA IC=0
-5
μV
Collector cut-off current
ICBO
VCB=-50V IE=0
-10
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-50
nA
DC current gain
hFE
VCE=-1V IC=-100mA
VCE=-1V IC=-1mA
VCE=-1V IC=-10mA
VCE=-2V IC=-150mA
VCE=-10V IC=-500mA
75
100
100
100
50
-
-300
-
Collector-emitter
saturation voltage
VCE(sat)
IC=-150mA IB=-15mA
IC=-500mA IB=-50mA
-0.4
-1.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-150mA IB=-15mA
IC=-500mA IB=-50mA
-1.3
-2.6
V
Transition frequency
fT
VCE=-10V,
IC=-20mA, f=100MHz
200
MHz
Output Capacitance
Cobo
VCB=-10V f=1.0MHz IE=0
-
8.0
pF
Input Capacitance
Cibo
VEB=-10V f=1.0MHz IC=0
-
30
pF
Delay time
td
VCE=-30V, IC=-150mA,
IB1=-15mA
10
ns
Rise time
tr
40
ns
Storage time
ts
VCE=-6V, IC=-150mA
IB1=-IB2=-15mA
80
ns
Fall time
tf
30
ns
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
PXT2907A(PNP)


Similar Part No. - PXT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2907A PHILIPS-PXT2907A Datasheet
44Kb / 8P
PNP switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
NXP Semiconductors
PXT2907A NXP-PXT2907A Datasheet
152Kb / 10P
PNP switching transistor
2004 Dec 09
logo
Micro Commercial Compon...
PXT2907A MCC-PXT2907A Datasheet
189Kb / 2P
0.5W PNP General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT2907A HTSEMI-PXT2907A Datasheet
275Kb / 1P
TRANSISTOR(PNP)
More results

Similar Description - PXT2907A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com