Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8831 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8831
Description  STN RGB - 160 output row driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8831 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8831 Datasheet HTML 9Page - NXP Semiconductors PCF8831 Datasheet HTML 10Page - NXP Semiconductors PCF8831 Datasheet HTML 11Page - NXP Semiconductors PCF8831 Datasheet HTML 12Page - NXP Semiconductors PCF8831 Datasheet HTML 13Page - NXP Semiconductors PCF8831 Datasheet HTML 14Page - NXP Semiconductors PCF8831 Datasheet HTML 15Page - NXP Semiconductors PCF8831 Datasheet HTML 16Page - NXP Semiconductors PCF8831 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2002 Aug 14
13
Philips Semiconductors
Preliminary specification
STN RGB - 160 output row driver
PCF8831
11.1
Power-up and power-down sequences
When the PCF8831 is powering-up or powering-down, the various supply voltages and some interface signals have to
be applied in a certain sequence.
Table 2
Power-up and power-down sequences
Tamb = −40 to +85 °C; refer to Figs 7 and 8.
Notes
1. With no VH or VMH supply, both pads VH and VMH are clamped by separate internal diodes to VDD, see Fig.10.
2. When no VL is supplied, pad VL is clamped to VSS by a separate internal diode, see Fig.10.
3. When ROWRES2 is active (at VSS), the level not-selected goes to VSS and pad VM can be disconnected.
SYMBOL
PARAMETER
CONDITIONS
MIN.
UNIT
td(VDD-VH)
delay VDD(on) to VH(on)
note 1
0
ns
td(VDD-VMH)
delay VDD(on) to VMH(on)
note 1
0
ns
td(VDD-VL)
delay VDD(on) to VL(on)
note 2
0
ns
td(VH-VDD)
delay VH(off) to VDD(off)
note 1
0
ns
td(VMH-VDD)
delay VMH(off) to VDD(off)
note 1
0
ns
td(VL-VDD)
delay VL(off) to VDD(off)
note 2
0
ns
tPU(VH-SVM)
power-up time VH(on) to SVM inactive
SVM falls to VSS
0ns
tPU(VMH-SVM) power-up time VMH(on) to SVM inactive
SVM falls to VSS
0ns
tPU(VL-SVM)
power-up time VL(on) to SVM inactive
SVM falls to VSS
0ns
trel(RES1-SVM) ROWRES1 release time to SVM inactive
release ROWRES1 before making
SVM inactive
0ns
trel(RES1)
ROWRES1 release time
allow at least one rising RCLK edge
before releasing ROWRES1
50
ns
trel(RES2)
ROWRES2 release time
define VM when ROWRES2 is
inactive; note 3
0ns
tPD(VH)
power-down time from SVM active to VH(off)
0ns
tPD(VMH)
power-down time from SVM active to VMH(off)
0ns
tPD(VL)
power-down time from SVM active to VL(off)
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com