Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8831 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8831
Description  STN RGB - 160 output row driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8831 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8831 Datasheet HTML 17Page - NXP Semiconductors PCF8831 Datasheet HTML 18Page - NXP Semiconductors PCF8831 Datasheet HTML 19Page - NXP Semiconductors PCF8831 Datasheet HTML 20Page - NXP Semiconductors PCF8831 Datasheet HTML 21Page - NXP Semiconductors PCF8831 Datasheet HTML 22Page - NXP Semiconductors PCF8831 Datasheet HTML 23Page - NXP Semiconductors PCF8831 Datasheet HTML 24Page - NXP Semiconductors PCF8831 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2002 Aug 14
21
Philips Semiconductors
Preliminary specification
STN RGB - 160 output row driver
PCF8831
Table 4
Bonding pad dimensions
VL
242
−3463.5
+865.7
Dummy
243
−3728.5
+865.7
Dummy
244
−3803.5
+865.7
Dummy
245
−3878.5
+865.7
Dummy
246
−3953.5
+865.7
Dummy
247
−4103.5
+865.7
Dummy
248
−4178.5
+865.7
Dummy
249
−4253.5
+865.7
Dummy
250
−4328.5
+865.7
Dummy
251
−4403.5
+865.7
Dummy
252
−4478.5
+865.7
Dummy
253
−4553.5
+865.7
Dummy
254
−4628.5
+865.7
Dummy
255
−4703.5
+865.7
Dummy
256
−4778.5
+865.7
Dummy
257
−4853.5
+865.7
Dummy
258
−4928.5
+865.7
Dummy
259
−5003.5
+865.7
Dummy
260
−5078.5
+865.7
Dummy
261
−5153.5
+865.7
Dummy
262
−5228.5
+865.7
SYMBOL
PAD
x
y
Dummy
263
−5303.5
+865.7
Dummy
264
−5378.5
+865.7
Dummy
265
−5453.5
+865.7
Dummy
266
−5528.5
+865.7
Dummy
267
−5603.5
+865.7
Dummy
268
−5678.5
+865.7
Dummy
269
−5753.5
+865.7
Dummy
270
−5978.5
+865.7
Dummy
271
−6053.5
+865.7
Dummy
272
−6128.5
+865.7
Alignment marks (see Fig.12)
Alignment circle 1
5909.0
865.7
Alignment circle 2
−5866.0
+865.7
PAD
SIZE
UNIT
Minimum pad pitch
75
µm
Pad size; aluminium
tbf
µm
Bump dimensions
50
× 80 × 17.5 (±5)
µm
Wafer thickness
(excluding bumps)
381
µm
SYMBOL
PAD
x
y
handbook, halfpage
MGW640
12.66 mm
pitch
2.36
mm
PCF8831
Fig.11 Bonding pads.
MGS688
handbook, halfpage
x centre
y centre
100
µm
Fig.12 Alignment mark detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com