Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0703C Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0703C
Description  Shielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0703C Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0703C Datasheet HTML 1Page - Abracon Corporation ASPI-0703C Datasheet HTML 2Page - Abracon Corporation ASPI-0703C Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Power Inductor
ASPI-0703C
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.20.14
Visit www.abracon.com for Terms & Conditions of Sale
• Low profile, low RDC, high current handling capability
• Fast bottom surface ensures secure, reliable mounting
• Excellent terminal strength construction
• Magnetically shielded construction
Operating Temperature
Storage Temperature
PART NUMBER IDENTIFICATION
-20ºC to +85ºC
• Ideally used in portable phone, PDA, MID, DC/DC Converter
• PC, LED TV, Digital Camera
• Network Equipment
Pb RoHS/RoHS II Compliant
-20ºC to +85ºC
PART NO
ASPI-0703C-
Inductance Code
Inductance
(μH)
Inductance
Tolerance
DCR
(Ω) Max.
IDC
(A)
Max.
ASPI-0703C-3R3
3.3
M
0.042
1.90
ASPI-0703C-4R7
4.7
M
0.050
1.70
ASPI-0703C-6R8
6.8
M
0.057
1.60
ASPI-0703C-100
10
M
0.080
1.40
ASPI-0703C-150
15
M
0.110
1.10
ASPI-0703C-220
22
M
0.156
0.96
ASPI-0703C-330
33
M
0.228
0.75
ASPI-0703C-470
47
M
0.324
0.67
ASPI-0703C-680
68
M
0.432
0.59
ASPI-0703C-101
100
M
0.648
0.45
ASPI-0703C-151
150
M
0.924
0.37
ASPI-0703C-221
220
M
1.56
0.29
ASPI-0703C-331
330
M
2.52
0.22
ASPI-0703C-471
470
M
3.12
0.20
ASPI-0703C-681
680
M
4.56
0.16
ASPI-0703C-102
1000
M
6.96
0.13
Test Conditions
Inductance: 1kHz, 0.1V
IDC: Base on Inductance change(|ΔL/Lo|≤ 10%)
ASPI-0703C-
-
Tolerance %
M: ± 20%
Inductance Code
Please refer to the
table above
Packaging
T: Tape and Reel
(1,000pcs / reel)
7.0 x 7.0 x 3.2mm


Similar Part No. - ASPI-0703C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0703 ABRACON-ASPI-0703 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-100 ABRACON-ASPI-0703-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-101 ABRACON-ASPI-0703-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-120 ABRACON-ASPI-0703-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-121 ABRACON-ASPI-0703-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
More results

Similar Description - ASPI-0703C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com