Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0703C Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0703C
Description  Shielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0703C Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0703C Datasheet HTML 1Page - Abracon Corporation ASPI-0703C Datasheet HTML 2Page - Abracon Corporation ASPI-0703C Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASPI-0703C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.20.14
Visit www.abracon.com for Terms & Conditions of Sale
Recommended Land Pattern
Dimension: mm
OUTLINE DIMENSION:
Pb RoHS/RoHS II Compliant
A
B
C
D
E
F
7.0±0.2
7.0±0.2
3.2±0.2
4.6 Ref 2.0±0.1 1.2 Ref
Materials
NO.
ITEM
MATERIAL
1
CORE
N4S DR 5.4x2.6M C2.4
N4S RI 6.8x2.3x5.8
2
BASE
DR 5.4-1
3
WIRE
P180
4
EPOXY
WK - 8015
5
TIN
Lead free solder
6
INK
710/ Black
7.0 x 7.0 x 3.2mm
Shielded Power Inductor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com