Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0704S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0704S
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0704S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0704S Datasheet HTML 1Page - Abracon Corporation ASPI-0704S Datasheet HTML 2Page - Abracon Corporation ASPI-0704S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD SHIELDED POWER INDUCTOR
|||||||||||| | | |
ASPI-0704S
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
7.3 x 7.3 x 4.5m m
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.20.10
Visit
www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
ASPI-0704S-xxx Series
Operating temperature:
Storage temperature:
-40ºC to +85ºC
-40ºC to +85ºC
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Test Conditions
1. Inductance Decrease Current: The current at inductance ⊫ 25% drop of initial value
2. Inductance: AGILENT 4294A Precision Impedance Analyzer
3. ZENTECH 3302 Automatic Components Analyzer
4. ZENTECH 502AC Resistance Meter
5. ZENTECH 1320 BIAS CURRENT
Part Number
Inductance
Test Frequency
DC Resistance
IDC
(μH)
(kHz)
(Ω)
(A)
ASPI-0704S-2R2M
2.2
100
0.028
5.00
ASPI-0704S-100M
10
100
0.049
1.84
ASPI-0704S-120M
12
100
0.058
1.71
ASPI-0704S-150M
15
100
0.081
1.47
ASPI-0704S-180M
18
100
0.091
1.31
ASPI-0704S-220M
22
100
0.110
1.23
ASPI-0704S-270M
27
100
0.150
1.12
ASPI-0704S-330M
33
100
0.170
0.96
ASPI-0704S-390M
39
100
0.230
0.91
ASPI-0704S-470M
47
100
0.260
0.88
ASPI-0704S-560M
56
100
0.350
0.75
ASPI-0704S-680M
68
100
0.380
0.69
ASPI-0704S-820M
82
100
0.430
0.61
ASPI-0704S-101M
100
100
0.610
0.60
ASPI-0704S-121M
120
100
0.660
0.52
ASPI-0704S-151M
150
100
0.880
0.46
ASPI-0704S-181M
180
100
0.980
0.42
ASPI-0704S-221M
220
100
1.170
0.36
ASPI-0704S-271M
270
100
1.640
0.34
ASPI-0704S-331M
330
100
1.860
0.32
ASPI-0704S-391M
390
100
2.850
0.29
ASPI-0704S-471M
470
100
3.010
0.26
ASPI-0704S-561M
560
100
3.620
0.23
ASPI-0704S-681M
680
100
4.630
0.22
ASPI-0704S-821M
820
100
5.200
0.20
ASPI-0704S-102M
1000
100
6.000
0.18
• Superior to be high saturation for surface mounting
• Low resistance to keep power loss minimum
• Magnetic shielded for low radiation
• Compact size
• Ferrite bobbin core
• Desktop, notebook, servers
• Battery charger
• Network hubs, bridges, routers
• Electronic game devices
• XDSL, PBX base stations
• GPS system
• Digital TV, DVD, Modem, setup box


Similar Part No. - ASPI-0704S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0703 ABRACON-ASPI-0703 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-100 ABRACON-ASPI-0703-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-101 ABRACON-ASPI-0703-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-120 ABRACON-ASPI-0703-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-121 ABRACON-ASPI-0703-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
More results

Similar Description - ASPI-0704S

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com