Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0704S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0704S
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0704S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0704S Datasheet HTML 1Page - Abracon Corporation ASPI-0704S Datasheet HTML 2Page - Abracon Corporation ASPI-0704S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD SHIELDED POWER INDUCTOR
||||||||||||| | |
ASPI-0704S
7.3 x 7.3 x 4.5m m
Pb RoHS
Compliant
OUTLINE DRAWING:
Recommended
Landing Pattern
Dimensions: Inches (mm)
C
D
E
F
0.177 max
0.06 3
0.18 9
0.09
(4.5 max.)
(1.60 )
(4.80 )
(2.20)
B
A
#
t
r
a
P
ASPI-0704S-xxx
0.287±0.008
(7.3±0.2)
0.287±0.008
(7.3±0.2)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.20.10
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASPI-0704S-
-
Packaging
T: Tape and Reel
(1kpcs / reel)
Inductance Code
Please refer to the
table above
PART NUMBER IDENTIFICATION:
(Left Blank if Standard)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com