Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0804TS Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0804TS
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804TS Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0804TS Datasheet HTML 1Page - Abracon Corporation ASPI-0804TS Datasheet HTML 2Page - Abracon Corporation ASPI-0804TS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS AND PART IDENTIFICATION
ELECTRICAL SPECIFICATION CHART
OUTLINE DIMENSIONS:
ASPI-0804TS
ABRACON IS
ISO 9001 / QS 9000
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO 9001:2008
D
E
I
F
I
T
R
E
C
2
3
3
0
3
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 |fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
.
w
w
w
|
Revised: 04.30.13
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
12.95 x 9.04 x 5.08mm
Pb RoHS/RoHS II Compliant
ASPI-0804TS -
-
Tolerance %
M: ± 20%
N: ± 30%
Inductance Code
Please refer to the
table above
Packaging
T: Tape and Reel
(700pcs / reel)
Dimension: mm
A max. B max.
C max.
D ref.
E ref.
F ref.
G ref.
12.95
9.04
5.08
8.38
2.54
7.62
2.54
Recommended Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com