Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0804TS Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0804TS
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804TS Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0804TS Datasheet HTML 1Page - Abracon Corporation ASPI-0804TS Datasheet HTML 2Page - Abracon Corporation ASPI-0804TS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
TAPE & REEL:
ASPI-0804TS
ABRACON IS
ISO 9001 / QS 9000
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO 9001:2008
D
E
I
F
I
T
R
E
C
2
3
3
0
3
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 |fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
.
w
w
w
|
Revised: 04.30.13
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
12.95 x 9.04 x 5.08mm
Pb RoHS/RoHS II Compliant
33 0
13 0 .5
24 .5
10 0
T: 700pcs / reel
D 0
P 0
B 0
A 0
P
K 0
t
Dimension: mm
W
E
F
P
A0
B0
D0
P0
K0
t
24±0.3 1.75±0.1 13.25±0.1 12.0±0.1 10.4±0.1 10.6±0.1 1.5±0.1 4.0±0.1 5.4±0.1 0.35±0.05
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com