Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI1338 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI1338
Description  SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI1338 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI1338 Datasheet HTML 1Page - Abracon Corporation ASPI1338 Datasheet HTML 2Page - Abracon Corporation ASPI1338 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC current
0A
10A
20A
30A
38.5A
40A
50A
60A
65A
70A
80A
L(0.22uH)
0.214
0.206 0.200 0.196
0.194
0.190 0.183
0.179
0.177
0.171
0.168
T( o
C)
0.00
0.70
3.70
12.60
21.00
25.40 39.40
54.00
69.40
86.80
103.0
ASPI-1338-R22
DC current
0A
2A
4A
6A
8A
10A
12A
13.5A
L(8.2uH)
8.117
8.05
7.894 7.707
7.475
7.228 6.951
6.741
T( o
C)
0.00
0.50
5.40
15.50
34.20
63.40 103.8
112.4
ASPI-1338-8R2
LOW PROFILE HIGH CURRENT SMD
SHIELDED POWER INDUCTOR
||||||||||| | | | |
ASPI-1338
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.12.12
Visit www.abracon.com for Terms & Conditions of Sale
12.9 x 13.8 x 3.8mm
ELECTRICAL CHARACTERISTIC CURVES
OUTLINE DRAWING:
Recommended Land Pattern
Dimension: mm
A Max
B Max
C Max
D
E Ref
F
G
H
I
12.9
14.0
3.8
4.0±0.5 for ASPI-1338-R22
4.7±0.3 for ASPI-1338-8R2
8.4
2.0
14.5
5.0
8.0
G
H
I
14.5
5.0
8.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com