Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI1338 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI1338
Description  SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI1338 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI1338 Datasheet HTML 1Page - Abracon Corporation ASPI1338 Datasheet HTML 2Page - Abracon Corporation ASPI1338 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LOW PROFILE HIGH CURRENT SMD
SHIELDED POWER INDUCTOR
|||||||||| | | | | |
ASPI-1338
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.12.12
Visit www.abracon.com for Terms & Conditions of Sale
12.9 x 13.8 x 3.8mm
REFLOW PROFILE:
I
Storage Conditions and Handling
(1) Temperature and humidity conditions : less than 40oC and 70% RH.
(2) Products should be used within 6 months.
(3) The packaging material should be kept where no chlorine or sulfur exists in the air.
(4) Do not touch the electrodes (soldering terminals) with fingers as this may lead to deterioration of solder
ability
(5) The use of tweezers or vacuum pick-ups is strongly recommended for individual components.
(6) Bulk handling should ensure that abrasion and mechanical shock are minimized.
Profile Feature
Assembly
Average Ramp-Up Rate
(Ts max to Tp)
3°C /second max.
Preheat
-Temperature Min (Ts min)
-Temperature Max (Ts max)
-Time (ts min to ts max)
150°C
200°C
60-180 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
217°C
60-150 seconds
Peak/Classification Temperature (Tp)
245+0°C
Time within 5°C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C/seconds max
Time 25°C to Peak Temperature
8 minutes max.
Dimension: mm
Ao
13.2
Bo
13.8
Ko
4.0
A
330
B
100
C
13.5
D
24
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
T: 500pcs/Reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com