Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2010HC Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-2010HC
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2010HC Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-2010HC Datasheet HTML 1Page - Abracon Corporation ASPI-2010HC Datasheet HTML 2Page - Abracon Corporation ASPI-2010HC Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-2010HC
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.07.13
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Smart Phone, Tablet, Notebook, Desktop, Server
• Blu-Ray Disc Recorder, Set Top Box
• Portable Gaming Device, Navigation Device
2.0 x 1.6 x 1.0 mm
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
Wire Wound Magnetically Shielded SMD Power Inductor (High Current)
Abracon P/N:
ASPI-2010HC
Operating Temperature & Humidity:
Storage Temperature & Humidity:
• Iron based core provides large saturation current
• Low DCR lowers power loss
• Magnetic-resin shielding reduces leakage flux and
Electro Magnetic Interference (EMI)
• Metal core designed for excellent shock resistance
• Low profile package takes up little PCB space
-40˚C ~ +125˚C (including self heating)
-10˚C ~ +40˚C and 70% R.H. max. (In tape and reel)
Part Number
ASPI-2010HC-
Inductance Code
Inductance
Inductance
Tolerance
DC Resistance
Max
Min. Self
Resonant
Frequency
Saturation
Current Typ
Saturation
Current Max
Temperature
Rise Current
Typ
Temperature
Rise Current
Max
Units
μH
%
Ω Max
MHz
A Typ
A Max
A Typ
A Max
Symbol
L
M
SRF Min
Isat
Irms
ASPI-2010HC-R24
0.24
M
0.040
145
5.50
4.50
3.45
3.00
ASPI-2010HC-R47
0.47
M
0.049
102
4.70
4.00
3.10
2.70
ASPI-2010HC-R68
0.68
M
0.065
77
4.00
3.50
2.80
2.50
ASPI-2010HC-1R0
1.0
M
0.090
70
3.85
3.35
2.35
2.05
ASPI-2010HC-2R2
2.2
M
0.170
39
2.15
1.90
1.70
1.45
ASPI-2010HC-100
10
M
0.826
15
0.95
0.80
0.75
0.65
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): WK3260B LCR meter or equivalent, 1MHz, 1V.
Direct Current Resistance (DCR): HIOKI 3540 or equivalent.
Saturation Current (Isat): WK3260B LCR meter or equivalent.
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer.
Saturation Current Max: DC current at which the inductance drops less than 30% from its value without
current.
Saturation Current Typ: DC current at which the inductance drops approximate 30% from its value
without current.
Irms: DC current that causes the temperature rise (ΔT) from 20°C ambient.
ΔT<40°C for Irms max; ΔT is approximate 40°C for Irms typ.
Pb RoHS/RoHS II Compliant
ASPI-2010HC-
-
Inductance Code
Please refer to the
table above
Tolerance
M: ±20%
Packaging
T: Tape and Reel
(2kpcs / reel)


Similar Part No. - ASPI-2010HC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-1R0 ABRACON-ASPI-2010-1R0 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-1R5 ABRACON-ASPI-2010-1R5 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-2R2 ABRACON-ASPI-2010-2R2 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-3R3 ABRACON-ASPI-2010-3R3 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
More results

Similar Description - ASPI-2010HC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
SMD Power Inductor, Magnetically shielded
logo
Abracon Corporation
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
logo
Frontier Electronics.
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
logo
Abracon Corporation
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
SMD, Magnetically Shielded Power Inductor
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com