Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2010HC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-2010HC
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2010HC Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-2010HC Datasheet HTML 1Page - Abracon Corporation ASPI-2010HC Datasheet HTML 2Page - Abracon Corporation ASPI-2010HC Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASPI-2010HC
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.07.13
Visit www.abracon.com for Terms & Conditions of Sale
2.0 x 1.6 x 1.0 mm
ABRACON IS
ISO9001:2008
CERTIFIED
Wire Wound Magnetically Shielded SMD Power Inductor (High Current)
Pb RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES
Δf: Clearance between terminal and the surface of plate must be 0.1mm max when coil is placed on a flat plate.
Recommended Land Pattern
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
2.0±0.2
1.6±0.2
1.0
1.2±0.2
0.60±0.2
0.80±0.2
0.70
0.70
1.70
Dimensions: mm
OUTLINE DIMENSIONS:
Materials
No
Components
Material
1
Core
Soft magnetic metal
2
Wire
Polyurethane system enameled copper
wire
3
Magnetic Glue
Epoxy resin and magnetic powder
4
Substrate
FeNiCu/Ag
5
Top Electrodes
Sn alloy



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com