Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407823 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1407823
Description  Master cable - SAC-8P-10,0-PURMC/M12FR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407823 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1407823 Datasheet HTML 1Page - PHOENIX CONTACT 1407823 Datasheet HTML 2Page - PHOENIX CONTACT 1407823 Datasheet HTML 3Page - PHOENIX CONTACT 1407823 Datasheet HTML 4Page - PHOENIX CONTACT 1407823 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1407823
08/02/2016   Page 2 / 5
Master cable - SAC-8P-10,0-PURMC/M12FR - 1407823
Technical data
Material
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Sealing material
NBR
Connection assignment
Slot/position = pin = conductor color
1 / 4 (A) = P = WH
2 / 4 (A) = J = GN
3 / 4 (A) = T = YE
4 / 4 (A) = S = GY
5 / 4 (A) = G = PK
6 / 4 (A) = R = RD
1-6 / 1 (+ 24 V) = A = BN
1-6 / 3 (0 V) = L = BU
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Flammability rating according to UL 94
HB
Cable
Cable type
PUR halogen-free black
Cable type (abbreviation)
PUR
Cable abbreviation
Li9Y11Y
UL AWM style
20549 / 10493 (80°C/300 V)
Conductor cross section
8x 0.25 mm²
AWG signal line
24
Conductor structure signal line
32x 0.10 mm
Core diameter including insulation
1.17 mm ±0.02 mm
Thickness, insulation
≥ 0.21 mm
Wire colors
white, brown, green, yellow, gray, pink, blue, red
Overall twist
8 wires around filler to the core
External sheath, color
black-gray RAL 7021
Outer sheath thickness
approx. 0.8 mm
External cable diameter D
5.9 mm ±0.15 mm
Minimum bending radius, fixed installation
8 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
4000000
Bending radius
59 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com