Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407823 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1407823
Description  Master cable - SAC-8P-10,0-PURMC/M12FR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407823 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1407823 Datasheet HTML 1Page - PHOENIX CONTACT 1407823 Datasheet HTML 2Page - PHOENIX CONTACT 1407823 Datasheet HTML 3Page - PHOENIX CONTACT 1407823 Datasheet HTML 4Page - PHOENIX CONTACT 1407823 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1407823
08/02/2016   Page 3 / 5
Master cable - SAC-8P-10,0-PURMC/M12FR - 1407823
Technical data
Cable
Traversing path
10 m
Traversing rate
3 m/s
Acceleration
10 m/s²
Cable weight
46 kg/km
Outer sheath, material
PUR
Material, filler
PE
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Conductor resistance
≤ 78 Ω/km
Nominal voltage, cable
≤ 300 V
Test voltage, cable
≥ 3000 V
Special properties
Flexible cable conduit capable
Silicone-free
Free of substances which would hinder coating with paint or varnish
Flexible
Flame resistance
in accordance with DIN UL-Style 20549
Halogen-free
in accordance with DIN VDE 0472 part 815
Resistance to oil
in accordance with DIN EN 60811-2-1
Other resistance
Highly resistant to acids, alkaline solutions and solvents
hydrolysis and microbe resistant
partly UV-resistant in accordance with DIN EN ISO 4892-2-A
Low adhesion
abrasion-resistant
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-25 °C ... 80 °C (cable, flexible installation)
Drawings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com