Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3802 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3802 Datasheet HTML 1Page - RF Micro Devices RF3802 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-631
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
V_BIAS
VREF
VCC1
RF IN
RF OUT/VCC2
RF OUT/VCC2
RF OUT/VCC2
RF OUT/VCC2
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
RF3802
GaAs HBT PRE-DRIVER AMPLIFIER
• GaAs HBT Pre-Driver for Basestation Amplifiers
• Power Amplifier Stage for Commercial Wireless
Infrastructure
• Class AB Operation for GSM/EDGE/CDMA
Transmitter Applications
The RF3802 is specifically designed for wireless infra-
structure applications. Using a highly reliable GaAs HBT
fabrication process, this high-performance dual-stage
amplifier achieves high output power over a broad fre-
quency range. The RF3802 amplifier also provides excel-
lent efficiency and thermal stability through the use of a
thermally-enhanced surface-mount AlN package. Ease of
integration is accomplished through the incorporation of
an optimized evaluation board design provided to achieve
proper 50
Ω operation. Various evaluation board bias con-
figurations are available to address a broad range of wire-
less infrastructure applications:
•
AMPS/GSM850/EDGE850
•
GSM900/EDGE900
•
IS-95/CDMA2000/AMPS
• 5W Output Power
• High Linearity
• 35% Power-Added Efficiency
• AlN Packaging
• Broadband Platform Design Approach
RF3802
GaAs HBT Pre-Driver Amplifier
RF3802PCBA-410 Fully Assembled Evaluation Board - GSM850
RF3802PCBA-411 Fully Assembled Evaluation Board - GSM900
0
Rev A1 040927
0.005 A
0.0025
-A-
0.024
0.156
0.025
R.008
0.028
TYP
0.020
7 PL
0.050
TYP
0.050
REF
0.0780
MAX
Dimensions in inches.
0.180
REF
0.198
0.200 REF
0.236
Shaded circle designates
pin 1 location.
Pin 1
Package Style: AlN
Proposed


Similar Part No. - RF3802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3802 RFMD-RF3802 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-411 RFMD-RF3802PCBA-411 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com