Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906321
Description  Lightning/surge arrester type 1/2 - VAL-MSTE-AR-T1/T2 75/PFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906321 Datasheet HTML 1Page - PHOENIX CONTACT 2906321 Datasheet HTML 2Page - PHOENIX CONTACT 2906321 Datasheet HTML 3Page - PHOENIX CONTACT 2906321 Datasheet HTML 4Page - PHOENIX CONTACT 2906321 Datasheet HTML 5Page - PHOENIX CONTACT 2906321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906321
09/07/2016   Page 1 / 6
Lightning/surge arrester type 1/2 - VAL-MS+TE-AR-T1/T2 75/P-
FM - 2906321
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Why buy this product
 With floating remote indication contact
 Separate field and house wire termination.
 Tool-free field wire disconnect and test point.
 Isolated field and house wire (4-post equivalent)
 IP20 touch safe when connected.
 12.5 kA lightning surge current
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
294.400 g
Custom tariff number
85363030
Country of origin
Germany
Technical data
Dimensions
Height
112 mm
Width
17.7 mm
Ambient conditions
Degree of protection
IP20
IP20 (when disconnect closed)
Ambient temperature (operation)
-40 °C ... 80 °C


Similar Part No. - 2906321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906320 PHOENIX-2906320 Datasheet
72Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 350 VF/P-FM
2906323 PHOENIX-2906323 Datasheet
82Kb / 6P
Type 2 surge protection base element - VAL-MS TE-AR/75X350/3EQR/FM
2906324 PHOENIX-2906324 Datasheet
81Kb / 6P
Type 2 surge protection base element - VAL-MS TE-AR/75X350/3EQP/FM
2906326 PHOENIX-2906326 Datasheet
84Kb / 6P
Type 2 surge protection base element - VAL-MS TE-AR/75X350/3EQPR/FM
More results

Similar Description - 2906321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906318 PHOENIX-2906318 Datasheet
73Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 75 VF/P-FM
2906324 PHOENIX-2906324 Datasheet
81Kb / 6P
Type 2 surge protection base element - VAL-MS TE-AR/75X350/3EQP/FM
2906326 PHOENIX-2906326 Datasheet
84Kb / 6P
Type 2 surge protection base element - VAL-MS TE-AR/75X350/3EQPR/FM
2801302 PHOENIX-2801302 Datasheet
68Kb / 4P
Surge protection base element - VAL-MS TE-AR
1180150 PHOENIX-1180150 Datasheet
465Kb / 10P
Lightning/surge arrester type 1/2 - VAL-EV-T1/T2 264/12.5/31-R
1180149 PHOENIX-1180149 Datasheet
458Kb / 9P
Lightning/surge arrester type 1/2 - VAL-EV-T1/T2 264/12.5/31
2801533 PHOENIX-2801533 Datasheet
417Kb / 11P
Lightning/surge arrester type 1/2 - VAL-MS-T1/T2 48/12.5/11VFM
02/04/2022
2804380 PHOENIX-2804380 Datasheet
390Kb / 10P
Type 2 surge arrester - VAL-MS 320/11
02/04/2022
2804429 PHOENIX-2804429 Datasheet
442Kb / 10P
Type 2 surge arrester - VAL-MS 230/11
02/04/2022
2801164 PHOENIX-2801164 Datasheet
115Kb / 9P
Lightning/surge arrester type 1/2 - VAL-MS-T1/T2 600DC-PV/2VFM
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com