Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906321 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906321
Description  Lightning/surge arrester type 1/2 - VAL-MSTE-AR-T1/T2 75/PFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906321 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906321 Datasheet HTML 1Page - PHOENIX CONTACT 2906321 Datasheet HTML 2Page - PHOENIX CONTACT 2906321 Datasheet HTML 3Page - PHOENIX CONTACT 2906321 Datasheet HTML 4Page - PHOENIX CONTACT 2906321 Datasheet HTML 5Page - PHOENIX CONTACT 2906321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906321
09/07/2016   Page 3 / 6
Lightning/surge arrester type 1/2 - VAL-MS+TE-AR-T1/T2 75/P-
FM - 2906321
Technical data
Protective circuit
Short-circuit resistance IP with max. backup fuse (effective)
500 A
500 A
Connection, protective circuit
Conductor cross section AWG
15 ... 2 (UL)
20 ... 6
12 ... 4
Remote indication contact
Connection name
Remote fault indicator contact
Switching function
PDT, 1-pos.
Connection method
Screw connection
Screw thread
M2
Tightening torque
0.25 Nm
2 lbf-in. ... 4 lbf-in. (UL)
Stripping length
7 mm
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section AWG min.
28
Conductor cross section AWG max.
16
Maximum operating voltage Umax. AC
250 V AC
Max. operating current Imax
1.5 A AC (250 V AC)
1.5 A DC (30 V DC)
Drawings
Dimensional drawing
111,4
53
35,2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com