Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTX09 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTX09
Description  COMPENSATED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX09 Datasheet(HTML) 1 Page - Abracon Corporation

  ASTX09 Datasheet HTML 1Page - Abracon Corporation ASTX09 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||| | | | | | | |
STANDARD SPECIFICATIONS:
APPLICATIONS:
• Cellular and cordless phones.
• GPS
• Mobile com munication equipment.
• Portable radio equipment and music player.
FEATURES:
• Low height 1.5mm
• Low phase noise -135dBc typical / 1kHz
• Low current 1.5mA / ~20MHz
• Clipped sine wave output.
• Suitable for RoHS reflow
5.0 X 3.2 X 1.5mm
Pb RoHS
Compliant
CERTIFIED
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 09.14.11
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N
ASTX-09/ASVTX-09 Series
Frequency:
6.000MHz to 45.000MHz
Nominal Frequencies:
8, 10, 12, 12.8, 13, 14.4, 16.368, 19.2, 19.8, 20, 22, 24.5535, 26.40
Operating Temperature:
- 30°C to + 75°C (See Table 1 for options)
Storage Temperature:
- 40°C to + 85°C
Frequency Stability:
vs +25°C before reflow
± 0.5ppm standard ( See option)
vs Operating Temp.
±2.5ppm standard (See Table1 for options)
vs Aging
± 1ppm/1st year
vs Supply Voltage
±0.2ppm (± 5% change)
vs Load
±0.2ppm (± 10% change)
Voltage Control Range (Vcc):
1.5V ±1.0V
Supply Voltage (Vdd):
3.0V ± 5%Standard (See options)
Supply Current:
1.5mA max (~20MHz), 2.0mA max (~32MHz), 2.5mA max (~45MHz)
Output Type:
Clipped Sine
Output Voltage
0.8Vp-p min
Output Load:
10 kohm // 10 pF
Pullability:
± 8ppm min
Transfer function:
Positive
Phase Noise (Reference only):
-135dBc typical @ 1KHz (Frequency dependent.)
e.g. -131dBc typical @ 1KHz (32MHz), Please contact ABRACON for each frequencies.
Supply
Voltage (Vdd)
A
2.5V±0.1 V
Blank*
±0.5ppm
Blank
Bulk
Blank*
m
p
p
5
.
1
±
J
%
5
±
V
0
.
3
B
3.3V±5%
* Standard
C
5.0V±5%
(1,000 or 2,000pcs/reel)
*3.0V±5% : Standard
Table 1: Frequency Stability vs Operating Temp.
±1pp m
±1.5pp m
±2pp m
±2.5pp m
±3pp m
±4pp m
±5ppm
0°C-50°C
D10
D15
D20
D25
D30
D40
D50
-10°C to 60°C
E10
E15
E20
E25
E30
E40
E50
0°C to 70°C
F15
F20
F25
F30
F40
F50
-20°C to +75°C
G20
G25
G30
G40
G50
-30°C to 75°C
STD
H30
H40
H50
-40°C to 85°C
I30
I40
I50
ASTX- 09/ASVTX - 09 -
- Frequency -
-
-
Packaging
T
Tape and Reel
Frequency Stability
vs +25˚C
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASTX-09/ASVTX-09
VOLTAGE CONTROLLED TEMPERATURE
COMPENSATED CRYSTAL OSCILLATOR


Similar Part No. - ASTX09

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-01H ABRACON-ASTX-01H Datasheet
147Kb / 2P
TEMPERATURE COMPENSATED CLOCK OSCILLATOR
09.19.07
ASTX-01HA ABRACON-ASTX-01HA Datasheet
235Kb / 2P
3.3 V TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
07.03.07
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
ASTX-09 ABRACON-ASTX-09 Datasheet
145Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
ASTX-09 ABRACON-ASTX-09_07 Datasheet
145Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
More results

Similar Description - ASTX09

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
logo
CTS Corporation
532Y25DS10M000 CTS-532Y25DS10M000 Datasheet
143Kb / 4P
Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09_07 Datasheet
145Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
List of Unclassifed Man...
CSX-325T ETC2-CSX-325T Datasheet
92Kb / 1P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
TX-1910-DAE-807 VECTRON-TX-1910-DAE-807 Datasheet
442Kb / 5P
Temperature Compensated Crystal Oscillator
TX-4000-DAE-256 VECTRON-TX-4000-DAE-256 Datasheet
559Kb / 5P
Temperature Compensated Crystal Oscillator
TCXO-820-EFR-507 VECTRON-TCXO-820-EFR-507 Datasheet
218Kb / 5P
Temperature Compensated Crystal Oscillator
logo
Jauch Quartz Gmbh
JT53L JAUCH-JT53L Datasheet
150Kb / 2P
Temp. Compensated Crystal Oscillator
JT22G JAUCH-JT22G Datasheet
205Kb / 2P
Temp. Compensated Crystal Oscillator
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com