Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTX09 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTX09
Description  COMPENSATED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX09 Datasheet(HTML) 2 Page - Abracon Corporation

  ASTX09 Datasheet HTML 1Page - Abracon Corporation ASTX09 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASTX-09/ASVTX-09
|||||||||| | | | | |
5.0 X 3.2 X 1.5mm
Pb RoHS
Compliant
OUTLINE DIMENSIONS:
TAPE & REEL:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 09.14.11
Visit www.abracon.com for Terms & Conditions of Sale
VOLTAGE CONTROLLED TEMPERATURE
T= tape and reel (1,000 or 2,000pcs/reel)
Dimension : mm
REFLOW PROFILE:
Need a test socket for the ASTX-09/ASVTX-09
Series? To view compatible PRECISION TEST &
BURN-IN SOCKETS for these parts, click here.
PIN
2
3
4
Dimension : Inches (mm)
*NC for ASTX-09 only
Output
GND
Vdd
FUNCTION
Vc/NC*
Note: The outline package may vary.
Electrical properties, pin configuration,
and land pattern are the same.
Note: Recommend using an approximately
0.01uF bypass capacitor between PIN 2 and 4.
1
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
COMPENSATED CRYSTAL OSCILLATOR
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically
designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high
reliability where component failure could result in loss of life and/or property. For applications requiring high
reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon
Corporation is required. Please contact Abracon Corporation for more information.
VOLTAGE CONTROLLED TEMPERATURE
COMPENSATED CRYSTAL OSCILLATOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com