Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14404BFLAG Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14404BFLAG
Description  Complete Baseband Processor for DECT Handsets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14404BFLAG Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SC14404BFLAG Datasheet HTML 1Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 2Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 3Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 4Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 5Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright 2000 National Semiconductor Corp.
2
www.national.com
1.0 CONNECTION DIAGRAMS
Order Number SC14404BFLAG (320kbyte Full FLASH, Boot mode A, 100 pins TQFP,
Order Number SC14404BFLBG (320kbyte Full FLASH, Boot mode B, 100 pins TQFP
Order Number SC14404BxxAG (320kbyte ROM FLASH, Boot mode A , 100 pins TQFP)
Order Number SC14404BxxBG (320kbyte ROM FLASH, Boot mode B, 100 pins TQFP)
See NS Package Number VJG100A
AD0
AD1
AD2
AD3
RSTN
AVS2
LRS+
AVD
VDDRF
LRS-
VREF-
MIC-
AGND
MIC+
VREF+
VBAT1
VBAT2
VBAT3
DC_stab
LDO1_CTRL
DC_I
AVS
AD18
CAP
DAC
PD7
PD1
PD5
PD4
PD3
PD2
Xtal1
RFCLK
RSSI
PCM_FSC/PD6/ADC3
PCM_CLK /DAC2/ ADC2
VSS
SK
SO
TDO
CMPREF
RDI
LE
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
SC14404
AVD2
DC_Sense
LDO_Sense
LDO2_CTRL
DAB0
DAB1
P2[6]
DC_DIS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com