Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14404BFLAG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14404BFLAG
Description  Complete Baseband Processor for DECT Handsets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14404BFLAG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SC14404BFLAG Datasheet HTML 1Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 2Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 3Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 4Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 5Page - National Semiconductor (TI) SC14404BFLAG Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright 2000 National Semiconductor Corp.
3
www.national.com
Order Number SC14404BFLBC (320kbyte Full FLASH, Boot mode B, 100 pins CSP
Order Number SC14404BxxBC (320kbyte ROM FLASH, Boot mode B, 100 pins CSP
Note 1:
All digital outputs can sink/source 2 mA unless otherwise specified. All digital inputs are Schmitt trigger types. After reset all I/Os are set to input
and all pull-up or pull-down resistors are enabled unless otherwise specified.
PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input
A-I, B-I = In Boot mode A or B input and pull-up or pull-down resistor disabled,
A-PD, B-PU = In Boot mode A, Pull-down resistor enabled. In Boot mode B, pull-up resistor enabled.
Note 2:
Reset state of address and data bus and WRn, RDn pins:
If SC14404: Hi-Z/1 means Hi-Z if RSTn is LOW, if RSTn goes HIGH i t t akes 32 SCLK cycles = 25 usec before these pin drives a ‘1’.
Table 1:
TQFP pin mapping onto CSP package (See table 2 for TQFP pin description)
1
2
3
4
5
6
7
8
9
10
A
1
99
96
93
89
88
86
85
83
76
B
8
2
98
95
92
90
87
80
77
74
C
10
5
3
97
94
84
82
78
73
71
D
11
12
7
6
100
79
81
72
70
68
E
13
15
9
4
16
91
75
69
67
64
F
14
17
19
25
41
66
54
59
65
63
G
18
20
22
31
29
50
56
57
62
61
H
21
23
28
32
34
44
47
53
55
60
J
24
27
30
37
40
42
45
48
52
58
K
26
33
35
36
38
39
43
46
49
51
1 2 3 4 5 6 7 8 9 10
A
B
C
D
E
F
G
H
J
K
SC14404 CSP pin diagram
(TOP View)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com