Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSOS404A Datasheet(PDF) 39 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 39 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 34Page - Keysight Technologies MSOS404A Datasheet HTML 35Page - Keysight Technologies MSOS404A Datasheet HTML 36Page - Keysight Technologies MSOS404A Datasheet HTML 37Page - Keysight Technologies MSOS404A Datasheet HTML 38Page - Keysight Technologies MSOS404A Datasheet HTML 39Page - Keysight Technologies MSOS404A Datasheet HTML 40Page - Keysight Technologies MSOS404A Datasheet HTML 41Page - Keysight Technologies MSOS404A Datasheet HTML 42Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Display, computer system, and IO ports
Display
Display
XGA 15” capacitive touch screen
Resolution
Infiniium application runs with 1024 pixels horizontally x 768 pixels vertically
Annotation
Up to 100 bookmarks can be inserted into the waveform area. Each can float or be tied to a specific waveform
Grids
Up to 16 grids per waveform area
Waveform windows
Up to 8
Waveform styles
Connected dots, dots, variable persistence, infinite persistence, color graded infinite persistence
Computer system and peripherals, I/O ports
Computer system and peripherals
Operating system
Windows 7 Embedded Standard
CPU
3 GHz Intel i5 quad core
PC system memory
8 GB RAM
Drives
≥ 240 GB removable SSD (solid state drive)
Peripherals
Optical USB mouse and compact keyboard supplied. All Infiniium models support any Windows-compatible input device
with a USB interface
LXI compliance
LXI class C
IO Ports
LAN
RJ-45 connector, supports 10Base-T, 100Base-T, and 1000Base-T. Enables Web-enabled remote control, email on
trigger, data/file transfers and network printing
USB
7 total ports:
– Two USB 2.0 ports on the front
– Four USB ports on the side (two are USB 3.0 and two are USB 2.0)
– One USB 3.0 port on side supporting up to 200 MB/s data offload
External display
Drivers support up to two simultaneous displays
DisplayPort and VGA video out
Trigger out
TTL levels into high impedance load
Auxiliary output
DC (± 2.4 V), square wave
Time base reference output
Amplitude into 50 Ω: 1.65 Vpp ± 50 mV sine wave (8.3 dBm ± 0.3 dB) regardless of whether it is derived from the internal
or the external reference
Frequency from internal reference: 10 MHz ± 100 ppb if it has been calibrated within the last year
Time base external reference
input (impedance into 50 Ω)
Frequency: 10 MHz ± 20 ppm
Amplitude: 356 mVpp (–5 dBm) minimum to 5 Vpp (+18 dBm) maximum
File types
Oscilloscope waveforms:
Compressed
*.wfm, *.bin, *.h5, and *.osc composite (setup and waveforms)
Internal formats
Larger formats
*.csv, *.tsv, and*.txt
Digital waveform
Support in .osc or .h5 formats
Images
.bmp, .tiff, .gif, .png or .jpg
Infiniium S-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com