Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSOS404A Datasheet(PDF) 25 Page - Keysight Technologies

Part # MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Datasheet(HTML) 25 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 21Page - Keysight Technologies MSOS404A Datasheet HTML 22Page - Keysight Technologies MSOS404A Datasheet HTML 23Page - Keysight Technologies MSOS404A Datasheet HTML 24Page - Keysight Technologies MSOS404A Datasheet HTML 25Page - Keysight Technologies MSOS404A Datasheet HTML 26Page - Keysight Technologies MSOS404A Datasheet HTML 27Page - Keysight Technologies MSOS404A Datasheet HTML 28Page - Keysight Technologies MSOS404A Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Probes Overview
S-Series oscilloscopes include both 1 MΩ and 50 Ω paths. This
expands their flexibility by making them compatible with a wider
range of probes than high-performance oscilloscopes that only
support a 50 Ω path.
All S-Series oscilloscopes ship standard with four passive probes
and support a wide range of about 100 compatible current and
voltage probes. The table below highlights probes commonly
used with the S-Series.
See
http://literature.cdn.keysight.com/litweb/pdf/5968-7141EN.pdf
for additional info on probes andaccessories.
Probe type
Ideal for measuring
Recommended probe model numbers
Passive probe
Single-ended voltage up to 500 MHz
N2873A (qty. 4 ship standard)
InfiniiMax active probe
Differential or single-ended voltage
1130A/31A/32A/34A, 1168A/69A
Differential, single-ended or common mode voltage
N2830A/31A/32A (InfiniiMode)
InfiniiMode active probe
Single-ended, differential, or common mode voltage
N2750A-52A
Single-ended active probe
Single-ended voltage up to 2 GHz
N2795A, N2796A, N2797A (extreme temperature)
General purpose differential probes High voltage differential signal up to 7 kV with high CMRR
N2790A, N2791A, N2818A, N2819A, N2891A
Current probe
High current, AC/DC (mA – 100’s of A)
1146B, 1147B, N2780B-83B, N2893A
High sensitivity current, AC/DC (10’s of uA – A)
N2820A, N2821A
Passive probes
High voltage up to 4 kV peak pulse
10076B
General purpose up to 1.5 GHz
N2870A – N2876A
Power rail probe
Single-ended up to 2 GHz with up to ± 24 V offset
N7020A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com