Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI786LSG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI786LSG
Description  Dual-Output Power-Supply Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786LSG Datasheet(HTML) 1 Page - Vishay Siliconix

  SI786LSG Datasheet HTML 1Page - Vishay Siliconix SI786LSG Datasheet HTML 2Page - Vishay Siliconix SI786LSG Datasheet HTML 3Page - Vishay Siliconix SI786LSG Datasheet HTML 4Page - Vishay Siliconix SI786LSG Datasheet HTML 5Page - Vishay Siliconix SI786LSG Datasheet HTML 6Page - Vishay Siliconix SI786LSG Datasheet HTML 7Page - Vishay Siliconix SI786LSG Datasheet HTML 8Page - Vishay Siliconix SI786LSG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Si786
Vishay Siliconix
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
www.vishay.com
1
Dual-Output Power-Supply Controller
FEATURES
D Fixed 5-V and 3.3-V Step-down Converters
D Less than 500-mA Quiescent Current per Converter
D 25-mA Shutdown Current
D 5.5-V to 30-V Operating Range
DESCRIPTION
The Si786 Dual Controller for Portable Computer Power
Conversion is pin and functionally compatible with the
MAX786 dual-output power supply controller for notebook
computers. The device is designed as a drop-in replacement
for that circuit.
The circuit is a system level integration of two step-down
controllers, micropower 5-V and 3.3-V linear regulators, and
two comparators. The controllers perform high efficiency
conversion of the battery pack energy (typically 12 V) or the
output of an ac to dc wall converter (typically 18-V to 24-V dc)
to 5-V and 3.3-V system supply voltages. The micropower
linear regulator can be used to keep power management and
back-up circuitry alive during the shutdown of the step-down
converters. The comparators can be biased at any voltage
between 2.7 V and the input voltage, simplifying battery
monitoring or providing sufficient voltage to enhance the gate
of a low on-resistance n-channel FET used in switching power
to different zones in the system.
A complete power conversion and management system can
be implemented with the Si786 Dual Controller for Portable
Computer Power Conversion, an inexpensive linear regulator,
the Si9140 SMP Controller for High Performance Processor
Power Supplies, five Si4410 n-channel TrenchFETR Power
MOSFETs, one Si4435 p-channel TrenchFET Power
MOSFET, and two Si9712 PC Card (PCMCIA) Interface
Switches.
The Si9130 Pin-Programmable Dual Controller for Portable
PCs is another integrated system level devices for portable PC
power systems.
The Si786 is available in both standard and lead (Pb)-free
28-pin SSOP packages and specified to operate over the (0_C
to 70_C), (−10_C to 90_C) and (−40_C to 85_C) temperature
ranges. See Ordering Information for corresponding part
numbers.
FUNCTIONAL BLOCK DIAGRAM
Si786
SHUTDOWN
5-V ON/OFF
3.3-V ON/OFF
SYNC
Power
Section
3.3 V
5 V
mP
Memory
Peripherals
Power-Good
Low-Battery Warning
5.5. V
to
30 V


Similar Part No. - SI786LSG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7860ADP VISHAY-SI7860ADP Datasheet
42Kb / 5P
N-Channel Reduced, Fast Switching MOSFET
29-Dec-03
SI7860DP VISHAY-SI7860DP Datasheet
59Kb / 4P
N-Channel Reduced Qg, Fast Switching MOSFET
13-Oct-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
N-Channel Reduced Qg, Fast Switching MOSFET
09-Feb-09
SI7862ADP VISHAY-SI7862ADP Datasheet
297Kb / 12P
N-Channel 16-V (D-S) MOSFET
03-Mar-08
SI7862ADP VISHAY-SI7862ADP Datasheet
298Kb / 12P
N-Channel 16-V (D-S) MOSFET
03-Mar-08
More results

Similar Description - SI786LSG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Jun-2000
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
logo
Vishay Siliconix
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
SMBus Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
Dual Power Supply Controller
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com