Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1007 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B1007
Description  BROADBAND xDSL, HPN, CMCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B1007 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B1007 Datasheet HTML 1Page - Pulse A Technitrol Company B1007 Datasheet HTML 2Page - Pulse A Technitrol Company B1007 Datasheet HTML 3Page - Pulse A Technitrol Company B1007 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THT - Through Hole Package SMT - Surface Mount Package
Broadband has come a long way in the past few years. Pulse continues to lead the way
with a broad range of components that enable twisted-pair copper, fiber and coaxial
cable to deliver high-speed services to homes and businesses. Pulse components
are also used in cable modems and the consumer electronics that provide home
networking services.
Our high-performance transformers, inductors and splitter filter modules support
ADSL, VDSL, G.SHDSL, VoIP, CO/CPE splitters, and home phoneline and power
line networks. The transformers are designed to exceed ANSI and ETSI standards,
and have excellent THD performance and small footprints. Surface mount models are
available upon request. Our splitter/filter modules are part of the SMART™ family, offering
convenient and cost-effective design solutions.
ADSL PRODUCTS
ADSL Transformers
Part
Application*
Isolation
Turns Ratio
Inductance
Data
Number
Voltage (Vrms) Chip-Line
(µH ±10%)
Sheet
Part
Application*
Isolation
Turns Ratio
Inductance
Data
Number
Voltage (Vrms) Chip-Line
(µH ±10%)
Sheet
Analog Devices: AD20msp910/AD20msp918 ADSL Chipsets
B2031
CO/CPE
1500
1:1
5000
B906
B2032
3
CO/CPE
1500
1:1
5000
B906
B2104
CO/CPE
1500
1:1.27
2000
B950
B2105
3
CO/CPE
1500
1:1.27
2000
B950
Analog Devices: AD20msp930 ADSL Chipset
B2136
CO
1500
1:1.1
1750
B955
B2137
3
CO
1500
1:1.1
1750
B955
B2162
3
CO
1500
1:1.1
1750
B957
B2168
3
ADSL/ISDN CO
1500
1:1
100
B955
B2188
ADSL/ISDN CO
1500
1:1
100
B955
Analog Devices: Eagle I & Eagle II
BX2506J
3
CPE
1500
1:2.29
1200
B840
Broadcom: BCM6410/20 - ADSL Bladerunner Chipsets
BX2506J
3
CPE
1500
1:2.29
1200
B840
BX2303WA
3ADSL/ISDN CO
1500
1:1.41
100
B811
BX2302WA
3
CO
1500
1:1.41
410
B811
BX2619W
3
CO
1500
1:2
420
B811
BX2644L
3
CO
1599
1:2
420
B811
Broadcom: BCM6335 and BCM6345
BX2483W
3
CPE
1500
1:2
410
B847
Broadcom: BCM6335 and BCM6338
BX2542L
3
CPE
1500
1:4.25/1:1
400
B848
BX2606LNL
3 ADSL/ISDN CPE
1500
1:4.25/1:1
100
B848
Centillium: CT-L50SC04/CT-L50ST81, CT-L21SC08/CT-L41SC04 ADSL Chipsets
B2178
3
CO
1500
1:1
450
B979
B2189
3
CO/CPE
1500
1:1.8
450
B979
Centillium: CT-L21ST30, CT-L22Sx15/30, CT-L4xSx15/30, CT-L5/L6xSx81 ADSL Chipsets
BX2353
3
CPE
1500
1:2.13
5000
B999
BX2358
3
CPE
1500
1:1
5000
B999
Centillium: Palladia CPT73X01 CPE ADSL Chipsets
BX2460
3
CPE
1500
1:2.5
5000
B828
BX2462
3
CPE
1500
1:1
5000
B828
Centillium: Palladia 200 and Streetfighter 100 CPE ADSL Chipsets
BX2580W
3
CPE
1500
1:4
440
B856
BX2581WNL ADSL/ISDN CPE
1500
1:4
80
B856
Centillium: CT-L53/63/73SC08 ADSL Chipsets
BX2347
CO
1500
1:1
850
B994
BX2348
3
CO
1500
1:1
850
B994
BX2380
CO
1500
1:1.8
850
B994
BX2349
3
CO
1500
1:1.8
850
B994
Centillium: MAXIMUS ADSL Chipsets
BX2349
3
CO
1500
1:1.8
850
B994
BX2538L
3
CO
1500
1:1.2
850
B839
Conexant: ADSL G7000 DMT Chipset
BX2564W
3
CO
1500
1:0.92
850
B867
B2139
CPE
1875
1:1
407
B958
Conexant: Titanium Forte ADSL Chipsets
BX2367
3
CO
1500
1:2
474
B997
BX2369JB/WA
3, 5 CO
1500
1:1.41
474
B991
BX2372JB/WA
3, 5 CO
1500
1:1.15
474
B991
Conexant: Jupiter, Saturn G16, G18, Octane ADSL Chipsets
B2414JB
3, 5
CO
1500
1:0.95
750
B991
Conexant: Octane, G24 ADSL Chipsets with Intersil Drivers
B2517JB
3
CO
1500
1:0.95
760
B836
BX2485L
3
CO
1500
1:0.9
1000
B836
BX2575L
3
CO
1500
1:0.9
1000
B864
Conexant: Octane Plus ADSL Chipsets with Intersil Drivers
BX2511L
3
CO
1500
1:0.9
1000
B862
BX2512J
3
CO
1500
1:0.9
1000
B862
Conexant: Octane, G24 ADSL Chipsets with Legerity Drivers
BX2510W
3
CO
1500
1:0.408
750
B855
BX2516W
3
CO
1500
1:0.408
1100
B855
BX2572W
3
ADSL/ISDN CO
1500
1:0.408
100
B854
Conexant: Viking and Café CPE ADSL Chipsets
BX2577L
3
CPE
1500
1:4/1:2
700
B841
Infineon: PEB22716 - GEMINAX ADSL Chipset
BX2274J
3
CO
1500
1.33:1
1400
B812
BX2569L
3
CO
1500
1.31:1
1400
B895
Infineon: Amazon ADSL Chipset
BX2913LNL
3
CPE
1500
1:4.2/1:2
1400
B889
BX2917LNL
3 ADSL/ISDN CPE
1500
1:3/6/1:1.85
200
B889
Itex: I80134, I90388, I90234, Apollo 1/2 (DMT/G.Lite) ADSL Chipsets
B2064
3
CPE
1500
1:1
480
B920
STMicroelectronics: DynaMiTe ADSL Chipset
B2090
1
CPE
500
1.65:2:1
7680
2
B963
B2091
1
CO
500
1.125:2:1.125
844
2
B963
B2098
CPE
2000
1:1:1
441.5
B963
B2102
CO
2000
2:1
409.5
B963
STMicroelectronics: MTK 20140 ADSL Chipset
B2068
CO
1500
1:2
410
B920
B2064
3
CPE
1500
1:1
480
B920
STMicroelectronics: MTK 20140/150/450 ADSL Chipsets
B2232
3
CO/CPE
1500
1:2
409.5
B820
STMicroelectronics: MTK-20850 ADSL Chipsets
BX2332
3
CO
1500
1:1.41
900
B821
BX2285C
3
CO
1500
1:1.41
900
B822
STMicroelectronics: ST70136/137/235 ADSL Chipsets
B2323
3
CPE
1500
1:1
480
B818
Texas Instruments: TNETD4000C ADSL Chipset
B2132
3
CO
1500
1:1.95
1500
B954
* CO - Central Office, CPE - Customer Premises Equipment
1. Hybrid Transformer
3. To order Tape & Reel SMT parts,
add “T” suffix to the
2. MIN
5. Alternative footprint options on
data sheet
G003.U (2/07)
www.pulseeng.com
1
BROADBAND ACCESS: xDSL, HPN, CMCs
Broadband Access: xDSL, HPN, CMCs


Similar Part No. - B1007

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
B1007-BD MIMIX-B1007-BD Datasheet
260Kb / 9P
4.0-11.0 GHz GaAs MMIC
B1007-BD MIMIX-B1007-BD_09 Datasheet
260Kb / 9P
4.0-11.0 GHz GaAs MMIC
logo
MicroPower Direct, LLC
B1007RW MPD-B1007RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1007RW MPD-B1007RW Datasheet
187Kb / 2P
B1000RW SERIES
More results

Similar Description - B1007

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6641 FILTRAN-6641 Datasheet
68Kb / 1P
HPN Home Phoneline Module
6649 FILTRAN-6649 Datasheet
55Kb / 1P
HPN Home Phoneline Module
logo
Rhombus Industries Inc.
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
XDSL TRANSFORMER
logo
Pulse A Technitrol Comp...
Z-330TJA PULSE-Z-330TJA Datasheet
391Kb / 2P
Isolates telephone equipment impedances from the xDSL and HPN systems
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
xDSL Transformer
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
xDSL Transformer
LAL0562-88 LINKCOM-LAL0562-88 Datasheet
71Kb / 1P
xDSL Transformer
LAL0576-60 LINKCOM-LAL0576-60 Datasheet
71Kb / 1P
xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
xDSL Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com