Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1007 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # B1007
Description  BROADBAND xDSL, HPN, CMCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B1007 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  B1007 Datasheet HTML 1Page - Pulse A Technitrol Company B1007 Datasheet HTML 2Page - Pulse A Technitrol Company B1007 Datasheet HTML 3Page - Pulse A Technitrol Company B1007 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HDSL/HDSL2/G.SHDSL PRODUCTS
HDSL Transformers
Mindspeed Chipsets
PE-69300
BT8921/BT8970
1CT:1:1
3.0
B901
PE-69301
BT8921/BT8970
1CT:1:1
2.0
B901
B1006
BT8921/BT8970
1CT:1:1
2.0
B901
B1007
BT8921/BT8970
1CT:1:1
3.0
B901
B1017
BT8921/BT8970
1:2CS
3.0
B978
B1018
BT8921/BT8970
1CT:2CS
2.0
B978
B1020A
RS8973
1:2CS
2.0
B978
B1028
BT8921/BT8970
1CT:2CS
2.0
B978
B1040A
RS8973
1:2CS
2.0
B978
B1075
RS8973
1CT:2CS
2.0
B978
Part
Matched to:
Turns Ratio
Inductance
Data
Number
Chip-Line (±3%)
Line Side
Sheet
Part
Matched to:
Turns Ratio
Inductance
Data
Number
Chip-Line (±3%)
Line Side
Sheet
HDSL2/G.SHDSL Transformers
Infineon Chipsets
PEB22622
B1093
PEF22623/24622
3.2:1:1
3.00
B993
PEB22622
B1063
PEF22623/24622
3.2:1:1
3.00
B993
BX1196L
Socrates
4.5:1
3.00
B888
B1194W
PEB22622
3.2:1:1
3.00
B835
PEF22623/24622
Conexant Chipsets
B1053
G2237
1CT:2.2CS1
3.00
B966
B1074B
Orion
1:5.4
3.00
B803
VDSL PRODUCTS
Hybrid Transformers
Infineon: 2-band, 4-band and 10Base-S Chipsets
BX4036 (120
Ω) 0.50 to 2
—
1500
40
270
B808
Broadcom: BCM 6010 Chipset
Turns Ratios
B4008
—
0.50
2000
2:1
1:1
B925
B4025
—
0.50
2000
2:1
1:1
B925
BX4030 1
—
0.70
2500
2:1
1:1
B984
1. BX4030 is an extended bandwith version tested up to 30MHz.
Part
Insertion Loss
Isolation
Impedance
Data
Number
(dB MAX)
Voltage
(
Ω)
Sheet
100kHz - 20MHz
300kHz - 30MHz
(Vrms)
TX
RX
Part
Inductance
Isolation Voltage
Turns Ratio
Data
Number
(µH ±10%)
(Vrms)
TX
RX
Sheet
Part
Inductance
Isolation Voltage
Turns Ratio
Data
Number
(µH ±10%)
(Vrms)
TX
RX
Sheet
General Use
B4004
—
1500
1CT:1CS
—
B975
B4006
—
3000
1:1
—
B975
B4023
—
3000
1:1CT
—
B975
Broadcom: BCM 6315 Chipset
B4020
190
3000
1CT:1CT
—
B981
B4021
190
1500
1CT:1CT
—
B981
BX4055
190
1500
1:1
—
B981
BX4056
190
1500
1:1.16
—
B981
Broadcom: VDSL2 BCM 6505 Chipset
BX4157L
420
1500
1:2
—
B894
BX4167L
100
1500
1:2
—
B894
Conexant: VDSL2 Accelity Chipset
BX4131W
800
1500
2:1
—
B877
BX4120L
800
1500
1.1:1
—
B877
Ikanos: SmartLeap Chipset
BX4052W 1
1.30
1500
3:1
—
B831
BX4082W 1
1.30
1500
3:1
—
B831
Ikanos: VDSL Chipset
BX4154L
340
1500
1.5:1
—
B887
BX4185L
340
1500
1.5:1
—
B887
BX4187L
100
1500
1.5:1
—
B887
Infineon: VDSL5000i and 6000i CO/CPE Chipsets
BX4102W
2000
1500
4:3
—
B874
BX4104W
770
1500
1:1.16
—
B875
BX4107
800
1500
4:3
—
B876
Infineon: VDSL2 Chipsets
BX4175WNL
270
1500
4:3
—
B875
Metalink: VDSL Chipset
B4033
1000
1500
1:3
2:3
B998
B4034
1600
1500
1:3.5
2:3.5
B998
Metalink: MTV9141 Chipset
B4064
1130
1500
1:3.6
2:3.6
B846
Metalink: MTV9142 Chipset
BX4081W
280
1500
1:3
2:3.6
B846
Texas Instruments TNETD8000 Chipset
B4020
190
3000
1CT:1CT
—
B981
B4021
190
1500
1CT:1CT
—
B981
1. BX4052W supplementary insulation; BX4082W operational insulation per
IEC 950 250 Vr ms
Line Transformers
Line Transformers
(continued)
Part
Passband
Insertion Loss
Return Loss Impedence (
Ω)Data
Number
Frequency
(dB MAX)
(dB MIN)
TX
RX
Sheet
Filter Solutions
Infineon: PEB2281X Chipset - ISDN Splitter LPF
B4010
20 kHz–120 kHz
0.4
20
150
150 B931
Digital Phone Splitter LPF
B4031
10 kHz–600 kHz
1.0
12
150
150 B987
Bandpass Filter & Hybrid Transformers
B4011 (135Ω) 900 kHz–7.9 MHz
0.5
10
40
270 B931
B4014 (100Ω) 900 kHz–7.9 MHz
0.5
10
40
270 B931
B4032 (120Ω)900 kHz–7.9 MHz
0.8
10
40
270 B987
Filters, Transmit & Receive
B4012
4.5 MHz–7.9 MHz
0.8
12
—
270 B931
B4013
900 kHz–3.3 MHz
0.8
12
—
270 B931
B4015 1
4.5 MHz–7.9 MHz
0.8
12
—
270 B931
B4016 1
900 kHz–3.0 MHz
1.2
12
—
270 B931
B4017
900 kHz–3.0 MHz
0.8
10
40
—
B931
B4018
4.5 MHz–7.9 MHz
0.8
10
40
—
B931
Quadport CO Filter Modules for 2-band, 10Base-S Infineon Chipsets 3
BX4037 2
1 MHz–7.9 MHz
1.5
12
40
270 B809
BX4038 2
1 MHz–7.9 MHz
1.5
12
40
270 B809
Single Port CPE Filter Modules for PEB22811/12/22 Infineon Chipsets 4
BX4039 5
1 MHz–7.9 MHz
1.0
12
40
270 B819
BX4040 5
1 MHz–7.9 MHz
1.0
12
40
270 B819
Quadport CO Filter Modules for 4-band Plan 998 Infineon Chipsets 3
BX4041A 0.9 MHz–11.9 MHz
—
12
40
270 B832
BX4044
0.9 MHz–11.9 MHz
—
12
40
270 B832
Single Port CPE Filter Modules for 4-band Plan 998 Infineon Chipsets 3
BX4042
0.13 MHz–11.9 MHz
—
12
40
270 B833
BX4045
0.13 MHz–11.9 MHz
—
12
40
270 B833
1. High performance
2. BX4037 for ADSL over ISDN, BX4038 for Smartphone applications
3. Including HPF splitter, hybrid transformer, TX & RX separation filters and
common mode chokes
4. Including HPF splitter, hybrid transformer, TX & RX separation filters
5. BX4039 for over ISDN, BX4040 for Smartphone applications
NOTE: CO - Central Office, CPE - Customer Premises Equipment
G003.U (2/07)
www.pulseeng.com
3
BROADBAND ACCESS: xDSL, HPN, CMCs
BROADBAND ACCESS: xDSL, HPN, CMCs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com