Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HST Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # SL811HST
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HST Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button SL811HST Datasheet HTML 4Page - Cypress Semiconductor SL811HST Datasheet HTML 5Page - Cypress Semiconductor SL811HST Datasheet HTML 6Page - Cypress Semiconductor SL811HST Datasheet HTML 7Page - Cypress Semiconductor SL811HST Datasheet HTML 8Page - Cypress Semiconductor SL811HST Datasheet HTML 9Page - Cypress Semiconductor SL811HST Datasheet HTML 10Page - Cypress Semiconductor SL811HST Datasheet HTML 11Page - Cypress Semiconductor SL811HST Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 8 of 29
4.7.1
Typical Crystal Requirements
The following are examples of “typical requirements”. Please note that these specifications are generally found as standard crystal
values and are therefore less expensive than custom values. If crystals are used in series circuits, load capacitance is not
applicable. Load capacitance of parallel circuits is a requirement.
4.8
USB Transceiver
The SL811HS has a built in transceiver that meets USB Specification 1.1. The transceiver is capable of transmitting and receiving
serial data at USB full speed (12 Mbits) and low speed (1.5 Mbits). The driver portion of the transceiver is differential while the
receiver section is comprised of a differential receiver and two single-ended receivers. Internally, the transceiver interfaces to the
Serial Interface Engine (SIE) logic. Externally, the transceiver connects to the physical layer of the USB.
5.0
SL811HS Registers
Operation of the SL811HS is controlled through 16 internal registers. A portion of the internal RAM is devoted to the control
register space, and access is through the microprocessor interface. The registers provide control and status information for
transactions on the USB, microprocessor interface, and interrupts.
Any Write to control register 0FH will enable the SL811HS full features bit. This is an internal bit of the SL811HS that enables
additional features not supported by the SL11H. For SL11H hardware backward compatibility, this register should not be
accessed.
The table below shows the memory map and register mapping of both the SL11H and SL811HS. The SL11H is shown for users
upgrading to the SL811HS.
12-MHz Crystals:
Frequency Tolerance:
±100 ppm or better
Operating Temperature Range:
0
°C to 70°C
Frequency:
12 MHz
Frequency Drift over Temperature:
± 50 ppm
ESR (Series Resistance):
60
Ω
Load Capacitance:
10 pF min.
Shunt Capacitance:
7 pF max.
Drive Level:
0.1–0.5 mW
Operating Mode:
fundamental
48-MHz Crystals:
Frequency Tolerance:
±100 ppm or better
Operating Temperature Range:
0
°C to 70°C
Frequency:
48 MHz
Frequency Drift over Temperature:
± 50 ppm
ESR (Series Resistance):
40
Ω
Load Capacitance:
10 pF min.
Shunt Capacitance:
7 pF max.
Drive Level:
0.1–0.5 mW
Operating Mode:
third overtone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com