Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HST Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # SL811HST
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HST Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button SL811HST Datasheet HTML 18Page - Cypress Semiconductor SL811HST Datasheet HTML 19Page - Cypress Semiconductor SL811HST Datasheet HTML 20Page - Cypress Semiconductor SL811HST Datasheet HTML 21Page - Cypress Semiconductor SL811HST Datasheet HTML 22Page - Cypress Semiconductor SL811HST Datasheet HTML 23Page - Cypress Semiconductor SL811HST Datasheet HTML 24Page - Cypress Semiconductor SL811HST Datasheet HTML 25Page - Cypress Semiconductor SL811HST Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 22 of 29
7.0
Electrical Specifications
7.1
Absolute Maximum Ratings
This section lists the absolute maximum ratings of the SL811HS. Stresses above those listed can cause permanent damage to
the device. Exposure to maximum rated conditions for extended periods can affect device operation and reliability.
7.2
Recommended Operating Condition
7.3
External Clock Input Characteristics (X1)
Notes:
13. The SL811HS can use a 12-MHz Crystal Oscillator or 12-MHz Clock Source.
14. Fundamental mode for 12-MHz Crystal.
15. The SL811HS can use a 12-MHz Clock Source.
Storage Temperature
–40°C to 125°C
Voltage on any pin with respect to ground
–0.3V to 6.0V
Power Supply Voltage (VDD)
4.0 V
Power Supply Voltage (VDD1)
4.0 V
Lead Temperature (10 seconds)
180°C
Parameter
Min.
Typical
Max.
Power Supply Voltage, VDD
3.0V
3.3 V
3.45V
Power Supply Voltage, VDD1
3.0V
3.45V
Operating Temperature
0°C
65°C
Crystal Requirements,
(X1, X2)
Min.
Typical
Max.
Operating Temperature Range
0°C
65°C
Parallel Resonant Frequency[13]
48 MHz
Frequency Drift over Temperature
±50 ppm
Accuracy of Adjustment
±30 ppm
Series Resistance
100 ohms
Shunt Capacitance
3 pF
6 pF
Load Capacitance
20 pF
Drive Level
20
µW
5 mW
Mode of Vibration Third Overtone[14]
Parameter
Min.
Typical
Max.
Clock Input Voltage @ X1 (X2 Open)
1.5 V
Clock Frequency[15]
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com