Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3022 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3022
Description  PWM BOOST CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3022 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3022 Datasheet HTML 1Page - Diodes Incorporated AL3022 Datasheet HTML 2Page - Diodes Incorporated AL3022 Datasheet HTML 3Page - Diodes Incorporated AL3022 Datasheet HTML 4Page - Diodes Incorporated AL3022 Datasheet HTML 5Page - Diodes Incorporated AL3022 Datasheet HTML 6Page - Diodes Incorporated AL3022 Datasheet HTML 7Page - Diodes Incorporated AL3022 Datasheet HTML 8Page - Diodes Incorporated AL3022 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AL3022
Document number: DS36514 Rev. 3 - 2
2 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AL3022
3043
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
VIN
Supply input pin. A capacitor should be connected between the VIN pin and GND pin to keep the DC
input voltage constant.
2
OUT
Gate driver pin. This pin is connected to external MOSFET gate to turn it on/off.
3
GND
Ground pin
4
CS
Over current protection pin
5
FB
Feedback pin. This pin is connected to an external resistor divider to program the system output voltage.
6
COMP
Compensation pin. This pin is the output of the internal error amplifier. COMP is forced to low when
VIN<3.6V.
7
OVP
Overvoltage detection pin
8
EN
Enable and dimming pin. When EN input voltage is lower than 0.3V, disable the IC. When EN input
voltage is higher than 2.6V, enable the IC. PWM dimming can be provided by an external control signal
greater than 100Hz, duty cycle from 1% to 90%. In addition, analog dimming can be provided by a DC
signal ranged from 0.8 V to 2.4V.
Functional Block Diagram
EA
Oscillator
OVP & UVP
EN
FB
GND
OVP
Control
Logic
Over
Temperature
Protection
VIN
Bandgap
VCC
Regulator
1.25V
VCC
COMP
COMP
PULSE
OUT
Driver
1
8
6
5
7
4
3
2
OCP
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com