Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3022 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3022
Description  PWM BOOST CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3022 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3022 Datasheet HTML 1Page - Diodes Incorporated AL3022 Datasheet HTML 2Page - Diodes Incorporated AL3022 Datasheet HTML 3Page - Diodes Incorporated AL3022 Datasheet HTML 4Page - Diodes Incorporated AL3022 Datasheet HTML 5Page - Diodes Incorporated AL3022 Datasheet HTML 6Page - Diodes Incorporated AL3022 Datasheet HTML 7Page - Diodes Incorporated AL3022 Datasheet HTML 8Page - Diodes Incorporated AL3022 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AL3022
Document number: DS36514 Rev. 3 - 2
4 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AL3022
3043
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VIN = 5V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VIN PIN)
VIN
Input Voltage
–
4.0
–
18
V
IQ
Quiescent Current
Test at VFB = 0.3V
–
5
–
mA
ISHDN
Shutdown Supply Current
VEN = 0V
–
0.1
–
µA
UNDER VOLTAGE LOCKOUT
VUVLO
Input UVLO Threshold
VIN Rising
3.6
3.8
4.0
V
VHYS
Input UVLO Hysteresis
–
100
200
300
mV
OVER VOLTAGE PROTECTION
–
Over Voltage Threshold
–
1.45
1.55
1.65
V
–
Under Voltage Threshold
–
–
0.1
–
V
OVER CURRENT PROTECTION
VCS
Over Current Threshold
Duty = 90%
–
0.33
–
V
OVER TEMPERATURE PROTECTION
TOTSD
Thermal Shutdown Temperature
–
–
+160
–
°C
–
Thermal Shutdown Hysteresis
–
–
+20
–
°C
ERROR AMPLIFIER
Gm
Error Amplifier Transconductance
–
–
400
–
µA/V
ENABLE (EN PIN)
VEN-OFF
EN Pin Threshold
–
–
–
0.3
V
VEN-ON
–
2.6
–
–
V
VEN-DIM
EN Pin Dimming Threshold
–
–
0.8
–
V
–
–
2.4
–
V
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback Voltage
–
0.194
0.2
0.206
V
IFB
Feedback Bias Current
–
–
35
100
nA
∆VFB
Line Regulation
VIN = 4.5V to 18V
–
2
20
mV
GATE DRIVER (OUT PIN)
fOSC
Oscillator Frequency
–
110
140
170
KHz
DMAX
Max. Duty Cycle
–
90
95
99
%
VGATE
OUT Pin Voltage (Note 5)
IOUT = 10mA
–
VIN-1
–
V
tRISE
Rising Time
VIN = 5V,
OUT Pin Load = 1nF
–
65.5
–
ns
tFALL
Falling Time
–
88.5
–
ns
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com