Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 169Page - STMicroelectronics ST72561 Datasheet HTML 170Page - STMicroelectronics ST72561 Datasheet HTML 171Page - STMicroelectronics ST72561 Datasheet HTML 172Page - STMicroelectronics ST72561 Datasheet HTML 173Page - STMicroelectronics ST72561 Datasheet HTML 174Page - STMicroelectronics ST72561 Datasheet HTML 175Page - STMicroelectronics ST72561 Datasheet HTML 176Page - STMicroelectronics ST72561 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 262 page
background image
ST72561
173/262
beCAN CONTROLLER (Cont’d)
CAN 2.0B Active Core
The beCAN module handles the transmission and
the reception of CAN messages fully autonomous-
ly. Standard identifiers (11-bit) and extended iden-
tifiers (29-bit) are fully supported by hardware.
Control, Status and Configuration Registers
The application uses these registers to:
– Configure CAN parameters, e.g.baud rate
– Request transmissions
– Handle receptions
– Manage interrupts
– Get diagnostic information
Tx Mailboxes
Two transmit mailboxes are provided to the soft-
ware for setting up messages. The Transmission
Scheduler decides which mailbox has to be trans-
mitted first.
Acceptance Filters
The beCAN provides six scalable/configurable
identifier filter banks for selecting the incoming
messages the software needs and discarding the
others.
Receive FIFO
The receive FIFO is used by the CAN controller to
store the incoming messages. Three complete
messages can be stored in the FIFO. The software
always accesses the next available message at
the same address. The FIFO is managed complet-
ly by hardware.
Figure 95. CAN Block Diagram
1
4
5
CAN 2.0B Active Core
Mailbox 0
Transmission
Filter
1
2
3
Mailbox 1
Mailbox 0
1
2
Receive FIFO
Acceptance Filters
Tx Mailboxes
Master Control
Scheduler
Master Status
Transmit Status
Transmit Prio
Receive FiFO
Error Status
Error Int. Enable
Tx Error Counter
Rx Error Counter
Diagnostic
Bit Timing
Filter Master
Filter Config.
Page Select
Interrupt Enable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com