Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 170Page - STMicroelectronics ST72561 Datasheet HTML 171Page - STMicroelectronics ST72561 Datasheet HTML 172Page - STMicroelectronics ST72561 Datasheet HTML 173Page - STMicroelectronics ST72561 Datasheet HTML 174Page - STMicroelectronics ST72561 Datasheet HTML 175Page - STMicroelectronics ST72561 Datasheet HTML 176Page - STMicroelectronics ST72561 Datasheet HTML 177Page - STMicroelectronics ST72561 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 262 page
background image
ST72561
174/262
beCAN CONTROLLER (Cont’d)
Figure 96. beCAN Operating Modes
10.9.3 Operating Modes
The beCAN has three main operating modes: ini-
tialization, normal and sleep. After a hardware
reset, beCAN is in sleep mode to reduce power
consumption. The software requests beCAN to
enter initialization or sleep mode by setting the
INRQ or SLEEP bits in the CMCR register. Once
the mode has been entered, beCAN confirms it by
setting the INAK or SLAK bits in the CMSR regis-
ter. When neither INAK nor SLAK are set, beCAN
is in normal mode. Before entering normal mode
beCAN always has to synchronize on the CAN
bus. To synchronize, beCAN waits until the CAN
bus is idle, this means 11 consecutive recessive
bits have been monitored on CANRX.
10.9.3.1 Initialization Mode
The software initialization can be done while the
hardware is in Initialization mode. To enter this
mode the software sets the INRQ bit in the CMCR
register and waits until the hardware has con-
firmed the request by setting the INAK bit in the
CMSR register.
To leave Initialization mode, the software clears
the INQR bit. beCAN has left Initialization mode
once the INAK bit has been cleared by hardware.
While in Initialization mode, all message transfers
to and from the CAN bus are stopped and the sta-
tus of the CAN bus output CANTX is recessive
(high).
Entering Initialization Mode does not change any
of the configuration registers.
To initialize the CAN Controller, software has to
set up the Bit Timing registers and the filter banks.
If a filter bank is not used, it is recommended to
leave it non active (leave the corresponding FACT
bit cleared).
10.9.3.2 Normal Mode
Once the initialization has been done, the software
must request the hardware to enter Normal mode,
to synchronize on the CAN bus and start reception
and transmission. Entering Normal mode is done
by clearing the INRQ bit in the CMCR register and
waiting until the hardware has confirmed the re-
quest by clearing the INAK bit in the CMSR regis-
ter. Afterwards, the beCAN synchronizes with the
data transfer on the CAN bus by waiting for the oc-
currence of a sequence of 11 consecutive reces-
sive bits (
≡ Bus Idle) before it can take part in bus
activities and start message transfer.
The initialization of the filter values is independent
from Initialization mode but must be done while the
filter bank is not active (corresponding FACTx bit
cleared). The filter bank scale and mode configu-
ration must be configured in initialization mode.
SLEEP
SYNC
INITIALIZATION
NORMAL
SL
EE
P *
INR
Q
INR
Q
INRQ
RESET
SLAK= 1
INAK = 0
SLAK= X
INAK = X
SLAK= 0
INAK = 1
SLE
EP
SLE
EP
SLAK= 0
INAK = 0
INRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com