Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 184Page - STMicroelectronics ST72561 Datasheet HTML 185Page - STMicroelectronics ST72561 Datasheet HTML 186Page - STMicroelectronics ST72561 Datasheet HTML 187Page - STMicroelectronics ST72561 Datasheet HTML 188Page - STMicroelectronics ST72561 Datasheet HTML 189Page - STMicroelectronics ST72561 Datasheet HTML 190Page - STMicroelectronics ST72561 Datasheet HTML 191Page - STMicroelectronics ST72561 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 262 page
background image
ST72561
188/262
beCAN CONTROLLER (Cont’d)
– The FIFO interrupt can be generated by the fol-
lowing events:
– Reception of a new message, FMP bits in the
CRFR0 register incremented.
– FIFO0 full condition, FULL bit in the CRFR0
register set.
– FIFO0 overrun condition, FOVR bit in the
CRFR0 register set.
– The transmit, error and status change inter-
rupt can be generated by the following events:
– Transmit mailbox 0 becomes empty, RQCP0
bit in the CTSR register set.
– Transmit mailbox 1 becomes empty, RQCP1
bit in the CTSR register set.
– Error condition, for more details on error con-
ditions please refer to the CAN Error Status
register (CESR).
– Wake-up condition, SOF monitored on the
CAN Rx signal.
10.9.6 Register Access Protection
Erroneous access to certain configuration regis-
ters can cause the hardware to temporarily disturb
the whole CAN network. Therefore the following
registers can be modified by software only while
the hardware is in initialization mode:
CBTR0, CBTR1, CFCR0, CFCR1, CFMR and
CDGR registers.
Although the transmission of incorrect data will not
cause problems at the CAN network level, it can
severely disturb the application. A transmit mail-
box can be only modified by software while it is in
empty state, refer to Figure 100.Transmit Mailbox
States
The filters must be deactivated before their value
can be modified by software. The modification of
the filter configuration (scale or mode) can be
done by software only in initialization mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com