Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 185Page - STMicroelectronics ST72561 Datasheet HTML 186Page - STMicroelectronics ST72561 Datasheet HTML 187Page - STMicroelectronics ST72561 Datasheet HTML 188Page - STMicroelectronics ST72561 Datasheet HTML 189Page - STMicroelectronics ST72561 Datasheet HTML 190Page - STMicroelectronics ST72561 Datasheet HTML 191Page - STMicroelectronics ST72561 Datasheet HTML 192Page - STMicroelectronics ST72561 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 262 page
background image
ST72561
189/262
beCAN CONTROLLER (Cont’d)
10.9.7 BeCAN Cell Limitations
10.9.7.1 FIFO Corruption
FIFO corruption occurs in the following case:
WHEN the beCAN RX FIFO already holds 2 mes-
sages (i.e. FMP==2)
AND the application releases the FIFO (with
the instruction CRFR=B_RFOM;)
WHILE the beCAN requests the transfer of a new
receive message into the FIFO (this lasts one CPU
cycle)
THEN the internal FIFO pointer is not updat-
ed
BUT the FMP bits are updated correctly
As the FIFO pointer is not updated correctly, this
causes the last message received to be overwrit-
ten by any incoming message. This means one
message is lost as shown in the example in Figure
109. The beCAN will not recover normal operation
until a device reset occurs.
Figure 109. FIFO Corruption.
Initial State
*v
* pointer to next receive location
v pointer to next message to be released
-- -
When the FIFO is empty, v and * point to the same location
FIFO
Receive Message A
*
v
A- -
Receive Message B
AB -
*
v
Receive Message C
AB C
*
v
* does not move because FIFO is full (normal operation)
Release Message A
AB C
v
*
Release Message B
DB C
and Receive Message D
*
v
DB C
*
Normal operation
* does not move, pointer corruption
Receive Message E
EB C
Release Message C
EB C
*
v
Release Message E
EB C
*
v
C released
* v
Release Message B
EB C
* v
* and v are not pointing to the same message
D is overwritten by E
FMP
0
1
2
3
2
2
3
2
1
0
the FIFO is empty
v
E released instead of B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com