Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC3025LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSD Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DMC3025LSD Datasheet HTML 2Page - Diodes Incorporated DMC3025LSD Datasheet HTML 3Page - Diodes Incorporated DMC3025LSD Datasheet HTML 4Page - Diodes Incorporated DMC3025LSD Datasheet HTML 5Page - Diodes Incorporated DMC3025LSD Datasheet HTML 6Page - Diodes Incorporated DMC3025LSD Datasheet HTML 7Page - Diodes Incorporated DMC3025LSD Datasheet HTML 8Page - Diodes Incorporated DMC3025LSD Datasheet HTML 9Page - Diodes Incorporated DMC3025LSD Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMC3025LSD
Document number: DS35717 Rev. 7 - 2
7 of 10
www.diodes.com
February 2015
© Diodes Incorporated
DMC3025LSD
P-CHANNEL
0
5
10
15
20
0
0.5
1.0
1.5
2.0
2.5
3.0
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 13. Typical Output Characteristics
DS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
V
= -4.5V
GS
V
= -10V
GS
V
= -5.0V
GS
V
= -2.5V
GS
0
5
10
15
20
0
1
2
3
4
5
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 14. Typical Transfer Characteristics
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS
0
0.02
0.04
0.06
0.08
0.10
0.12
0
4
8
12
16
20
-I , DRAIN SOURCE CURRENT (A)
Figure 15. Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.02
0.04
0.06
0.08
0.10
3
4
5
6
7
8
9
10
-V
, GATE SOURCE VOLTAGE (V)
GS
Figure 16. Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
-I , DRAIN SOURCE CURRENT (A)
Figure 17. Typical On-Resistance vs.
Drain Current and Temperature
D
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V
= -4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 18. On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com